Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9191A Datasheet(PDF) 5 Page - Micro Analog systems

Part # MAS9191A
Description  Single Chip AMPS/ETACS/NAMPS Audio/Data Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9191A Datasheet(HTML) 5 Page - Micro Analog systems

  MAS9191A Datasheet HTML 1Page - Micro Analog systems MAS9191A Datasheet HTML 2Page - Micro Analog systems MAS9191A Datasheet HTML 3Page - Micro Analog systems MAS9191A Datasheet HTML 4Page - Micro Analog systems MAS9191A Datasheet HTML 5Page - Micro Analog systems MAS9191A Datasheet HTML 6Page - Micro Analog systems MAS9191A Datasheet HTML 7Page - Micro Analog systems MAS9191A Datasheet HTML 8Page - Micro Analog systems MAS9191A Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
5
DA9191A.000
July 31, 1997
ABSOLUTE MAXIMUM RATINGS
(GND = 0V)
Parameter
Symbol
Conditions
Min
Max
Unit
Supply voltage*
VDD
6.0
V
Storage temperature*
Ts
-55
+125
oC
RECOMMENDED OPERATION CONDITIONS
(GND = 0V)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply voltage*
VDD
Ta=-40...85
oC
3.0
3.3
3.6
V
Supply current
IDD
Ta=-40...85
oC, V
DD=3.3V±5%
1.0
2.5
23
mA
Operating temperature*
Ta
-40
+85
oC
ELECTRICAL CHARACTERISTICS
◆ Digital inputs
(Ta=-40...85
oC)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input high voltage*
VIH
0.7VDD
V
Input low voltage*
VIL
0.7VDD
V
Input leakage current
IIL
-10
+10
uA
Input capacitance load*
CI
1
pF
◆ Digital outputs
(VDD = 3.3V
±5%, Ta=-40...85oC)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output low voltage*
VOL
XINT @ +0.4mA
0.1VDD
V
Output high voltage*
VOH
XINT @ -0.4mA
0.9VDD
V
◆ Analog inputs
(Ta=-40...85
oC)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
External microphone level*
VEXTMIC
100
mVrms
Microphone level*
VMIC
10
mVrms
RX input level*
VRX
100
mVrms
* Guaranteed by design only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com