Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9191A Datasheet(PDF) 7 Page - Micro Analog systems

Part # MAS9191A
Description  Single Chip AMPS/ETACS/NAMPS Audio/Data Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9191A Datasheet(HTML) 7 Page - Micro Analog systems

Back Button MAS9191A Datasheet HTML 3Page - Micro Analog systems MAS9191A Datasheet HTML 4Page - Micro Analog systems MAS9191A Datasheet HTML 5Page - Micro Analog systems MAS9191A Datasheet HTML 6Page - Micro Analog systems MAS9191A Datasheet HTML 7Page - Micro Analog systems MAS9191A Datasheet HTML 8Page - Micro Analog systems MAS9191A Datasheet HTML 9Page - Micro Analog systems MAS9191A Datasheet HTML 10Page - Micro Analog systems MAS9191A Datasheet HTML 11Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
7
DA9191A.000
July 31, 1997
ELECTRICAL CHARACTERISTICS
◆ Expander
(Ta=-40...85
oC)
Parameter
Conditions
Min
Typ
Max
Unit
Expanding ratio*
1:2
Operation range input*
-24
+10
dB
Operation range output*
-48
+20
dB
Gain step*
1.333
dB
Integral nonlinearity
-0.5
+0.5
dB
Attack time*
7.4
9.2
14.3
ms
Decay time*
9.5
11.9
14.3
ms
◆ Compressor
(Ta=-40...85
oC)
Parameter
Conditions
Min
Typ
Max
Unit
Compressing ratio*
2:1
Operation range input*
-39.4
+20
dB
Operation range output*
-19.7
+10
dB
Gain step*
1.333
dB
Integral nonlinearity
-0.5
+0.5
dB
Attack time*
2.9
3.9
4.6
ms
Decay time*
13
16.9
20
ms
◆ AC Characteristics
(Ta=-40...85
oC)
Parameter
Conditions
Min
Typ
Max
Unit
RX S/N ratio
Psophometric weighting
48
dB
TX S/N ratio
50
dB
RX THD
34
dB
TX THD
34
dB
Crosstalk RX to TX*
50
dB
Crosstalk TX to RX*
50
dB
Mute attenuation
50
dB
* Guaranteed by design only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com