Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9191A Datasheet(PDF) 8 Page - Micro Analog systems

Part # MAS9191A
Description  Single Chip AMPS/ETACS/NAMPS Audio/Data Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9191A Datasheet(HTML) 8 Page - Micro Analog systems

Back Button MAS9191A Datasheet HTML 4Page - Micro Analog systems MAS9191A Datasheet HTML 5Page - Micro Analog systems MAS9191A Datasheet HTML 6Page - Micro Analog systems MAS9191A Datasheet HTML 7Page - Micro Analog systems MAS9191A Datasheet HTML 8Page - Micro Analog systems MAS9191A Datasheet HTML 9Page - Micro Analog systems MAS9191A Datasheet HTML 10Page - Micro Analog systems MAS9191A Datasheet HTML 11Page - Micro Analog systems MAS9191A Datasheet HTML 12Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
8
DA9191A.000
July 31, 1997
ELECTRICAL CHARACTERISTICS
100Hz
1kHz
10kHz
-60.0dB
-56.0dB
-52.0dB
-48.0dB
-44.0dB
-40.0dB
-36.0dB
-32.0dB
-28.0dB
-24.0dB
-20.0dB
-16.0dB
-12.0dB
-8.0 dB
-4.0 dB
0.0 dB
4.0 dB
8.0 dB
12.0 dB
16.0 dB
20.0 dB
RX Total frequency response
-60.0dB
-56.0dB
-52.0dB
-48.0dB
-44.0dB
-40.0dB
-36.0dB
-32.0dB
-28.0dB
-24.0dB
-20.0dB
-16.0dB
-12.0dB
-8.0 dB
-4.0 dB
0.0 dB
4.0 dB
8.0 dB
12.0dB
16.0dB
20.0dB
100Hz
1kHz
10kHz
TX Total frequency response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com