Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9191A Datasheet(PDF) 13 Page - Micro Analog systems

Part # MAS9191A
Description  Single Chip AMPS/ETACS/NAMPS Audio/Data Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9191A Datasheet(HTML) 13 Page - Micro Analog systems

Back Button MAS9191A Datasheet HTML 9Page - Micro Analog systems MAS9191A Datasheet HTML 10Page - Micro Analog systems MAS9191A Datasheet HTML 11Page - Micro Analog systems MAS9191A Datasheet HTML 12Page - Micro Analog systems MAS9191A Datasheet HTML 13Page - Micro Analog systems MAS9191A Datasheet HTML 14Page - Micro Analog systems MAS9191A Datasheet HTML 15Page - Micro Analog systems MAS9191A Datasheet HTML 16Page - Micro Analog systems MAS9191A Datasheet HTML 17Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
13
DA9191A.000
July 31, 1997
FUNCTIONS
◆ Data Transmission
After a reset the TX block is in power down. The
power down mode is controlled by bit TXSIP (TX
section in power down) in register 07HEX. The TXRST
bit located in register 12 HEX is used every time a TX
collision occurs or for any other TX block reset
causes. When the device is ready to receive data,
the TXWRD bit of register 10HEX is high. If five bytes
are written into register 19HEX the data transmission
begins. The data is transferred from the serial
interface to the TX buffer and the TXWRD bit is set
high again, which causes XINT to become active.
When the block comes out of power down mode the
XINT is active because the device is ready to receive
data (TXWRD goes high). The lower nibble of the
fifth byte is ignored. The 36 bits of data are coded by
the BCH coder with following polynomial:
G(x) = x
12 + x10 + x8 + x5 + x4 + x3 + x0
The BCH coder adds 12 parity bits to the data and
the data is transferred to the DCC coding block. The
DCC coder adds a digital color code on the reverse
control channel (RECC) according following table.
DCC(1:0)
Coded DCC
00
0000000
01
0011111
10
1100011
11
1111100
The framing block adds bit sync (101010...10) and word sync (11100010010) sequences to the frames and
performs needed repeats depending on the mode.
Reverse control channel data format. The numbers under the frames show the number of bits in each section.
Bit sync
Word sync
Coded DCC
First word
repeated 5 times
Second word
repeated 5 times
30
11
7
240
240
Reverse voice channel data format.
Bit Sync
Word
Sync
1.Repeat
of word 1
Bit Sync
Word
Sync
2.Repeat
of word 1
Bit Sync
Word
Sync
101
11
48
37
11
48
37
11
Bit Sync
Word
Sync
5.Repeat
of word 1
Bit Sync
Word
Sync
1.Repeat
of word 2
Bit Sync
Word
Sync
37
11
48
37
11
48
37
11
Bit Sync
Word
Sync
5.Repeat
of word 2
37
11
48
The Manchester encoder block encodes the data into
a Manchester coded format with bit clock. The bit
clock is 8kHz in the ETACS mode and 10kHz in the
AMPS mode. The mode can be controlled by bit
SYS0 of register 12HEX. The data polarity can be
inverted with bit INVTX of register 13HEX.If the BUSY
bit does not go active between 56 and 104 bits of the
transmitted message a transmission collision occurs.
In this case the data which is in the TX block and the
data that the user is writing to the device will not be
transmitted. The TXCOL bit of register 10HEX will go
high in this case and cause an interrupt. The TXCOL
will remain active until the TX block is reset with the
TXRST bit of register 12HEX. If the TXCTREN bit is
active in register 12HEX the TXCTRL output turns the
transmitter off when a TX collision occurs. If the
AUMUT bit in register 13HEX is set to high the TX
audio block is muted with switch S19 on the voice
channel while data transmission is occurring.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com