Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9191A Datasheet(PDF) 6 Page - Micro Analog systems

Part # MAS9191A
Description  Single Chip AMPS/ETACS/NAMPS Audio/Data Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9191A Datasheet(HTML) 6 Page - Micro Analog systems

Back Button MAS9191A Datasheet HTML 2Page - Micro Analog systems MAS9191A Datasheet HTML 3Page - Micro Analog systems MAS9191A Datasheet HTML 4Page - Micro Analog systems MAS9191A Datasheet HTML 5Page - Micro Analog systems MAS9191A Datasheet HTML 6Page - Micro Analog systems MAS9191A Datasheet HTML 7Page - Micro Analog systems MAS9191A Datasheet HTML 8Page - Micro Analog systems MAS9191A Datasheet HTML 9Page - Micro Analog systems MAS9191A Datasheet HTML 10Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
6
DA9191A.000
July 31, 1997
ELECTRICAL CHARACTERISTICS
◆ Analog outputs
(Ta=-40...85
oC)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Signal ground
AGND
VDD/2-
0.1V
VDD/2+
0.1V
V
Reference voltage
Vref
AGND
+1.2V
V
Earpiece output impedance*
ZO
500
Earpiece load resistance*
RL
1
k
Earpiece series load capacitance*
CL
120
nF
External earpiece load resistance*
RL
30
k
External earpiece load capacitance*
CL
1
nF
Earpiece amplifier gain
Avol
1.26
3.26
dB
Rx level
VO
RX level 100mVrms
200
mVrms
Earpiece level non-differential*
VO
RX level 100mVrms
70
mVrms
Earpiece level differential*
VO
RX level 100mVrms
155
mVrms
TX level
VO
EXTMIC level 100mVrms
200
mVrms
DTMF signal levels at TX
VO
f = 697 … 941 Hz
-1
+1
dB
f = 1209 … 1633 Hz
-1
+1
SAT signal level at TX
VO
ETACS
131
148
163
mVrms
AMPS
123
138
152
Data signal level at TX
(AMPS/ETACS)
VO
470
556
612
mVrms
ST signal level at TX
(AMPS/ETACS)
VO
488
556
612
mVrms
Data, ST, SAT level at TX
VO
NAMPS, DTX mode off
81
93
105
mVrms
NAMPS, DTX mode on
325
373
421
DACs, output level
VO
0.3V
VDD-
0.3
V
DACs, differential nonlinearity
DNL
-0.95
+0.95
LSB
DACs, integral nonlinearity
INL
-2.0
+2.0
LSB
DACs, settling time*
Vdac
±1%
10
ms
DACs, load resistance*
RL
30
k
DACs, load capacitance*
CL
80
pF
OP AMPs, load capacitance*
CL
1
nF
* Guaranteed by design only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com