Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9191A Datasheet(PDF) 3 Page - Micro Analog systems

Part # MAS9191A
Description  Single Chip AMPS/ETACS/NAMPS Audio/Data Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9191A Datasheet(HTML) 3 Page - Micro Analog systems

  MAS9191A Datasheet HTML 1Page - Micro Analog systems MAS9191A Datasheet HTML 2Page - Micro Analog systems MAS9191A Datasheet HTML 3Page - Micro Analog systems MAS9191A Datasheet HTML 4Page - Micro Analog systems MAS9191A Datasheet HTML 5Page - Micro Analog systems MAS9191A Datasheet HTML 6Page - Micro Analog systems MAS9191A Datasheet HTML 7Page - Micro Analog systems MAS9191A Datasheet HTML 8Page - Micro Analog systems MAS9191A Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
3
DA9191A.000
July 31, 1997
PIN DESCRIPTION
Pin name
Pin
Type
Function
CAMP2I
12
AI
Compressor 2nd amplifier input as well as GC4 input. Use an external
22nF capacitor between COUT and this pin.
CWCIN
13
AI
Compressor window comparator input. Use an external 22nF capacitor
between CAMP2O and this pin.
CAMP2O
14
AO
Compressor 2nd amplifier output.
COMPIN
15
AI
Compressor input. The input is connected through a 22nF capacitor to
MICOUT.
MICOUT
16
AO
Microphone amplifier output. See COMPIN. This output is used as a
source for the side tone and for detection of the TX audio level.
MICSGND
17
AO
Microphone signal ground. This is the internal signal ground VDD/2. If noise
appears on the microphone signal an external capacitor may be needed
between this pin and system ground.
MIC
18
AI
Microphone amplifier input. Using this pin and the MICFB output the
microphone amplifier frequency response can be adjusted according to
the microphone used. The level at this input should be in the range
5..10mVrms. The maximum gain of the microphone amplifier is 30 dB.
MICFB
19
AO
Microphone amplifier feedback output
EXTMIC
20
AI
External microphone input. The level should be 100mVrms at 1kHz.
XRESET
21
I
Master reset. Active low.
SCL
22
I
Serial interface clock input. The data is transferred in both directions at the
rising edge of this signal.
STB
23
I
Serial interface strobe signal. With strobe signal the MAS9191A stores the
given address from the serial interface buffer and enters the data mode.
The serial interface stays in the data mode until eight SCL pulses are
received after the strobe signal.
STxD
24
O
Serial interface transmit data output.
SRxD
25
I
Serial interface receive data input
BUZFB
26
AI
Buzzer feedback is the input for the buzzer driver.
BUZOUT
27
AO
Buzzer output.
EXTERP
28
AO
Output for external accessories
EARP1
29
AO
Earpiece differential outputs of earpiece amplifier. The outputs are
capable of driving a ceramic earpiece directly.
EARP2
30
AO
SIDEFB
31
AO
Side tone feedback output
SIDETONE
32
AI
Side tone input. The level of the side tone is controlled with external
components.
EINR
33
AI
External RX input.
STGT
34
AI
Steering control input for DTMF receiver. When the level at this input
changes from below VDD/2 to above VDD/2 the pin is pulled up internally.
When this occurs the DTMF tone is stored and an interrupt is generated.
EST
35
AO
Enable Steering output. This pin is high when the DTMF receiver has
detected a valid DTMF tone.
RAUDIN
36
AI
Input for filter 6. Connect through a 22nF capacitor to the expander output
(EXPOUT).
RXACCOUT
37
AO
Output of uncommitted Op Amp in MAS9191A. The Op Amp is normally
used for RX audio level detection. The application circuit for this function is
in the APPLICATIONS section. Connect the level detected by the circuit
to the A/D converter of the general purpose micro controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com