Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9191A Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS9191A
Description  Single Chip AMPS/ETACS/NAMPS Audio/Data Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9191A Datasheet(HTML) 1 Page - Micro Analog systems

  MAS9191A Datasheet HTML 1Page - Micro Analog systems MAS9191A Datasheet HTML 2Page - Micro Analog systems MAS9191A Datasheet HTML 3Page - Micro Analog systems MAS9191A Datasheet HTML 4Page - Micro Analog systems MAS9191A Datasheet HTML 5Page - Micro Analog systems MAS9191A Datasheet HTML 6Page - Micro Analog systems MAS9191A Datasheet HTML 7Page - Micro Analog systems MAS9191A Datasheet HTML 8Page - Micro Analog systems MAS9191A Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
1
DA9191A.000
July 31, 1997
MAS9191A
Single Chip AMPS/ETACS/NAMPS Audio/Data Processor
• Single chip solution for all audio and data processing
• Low power consumption with several power down modes
• SAT decoding and transponding circuitry
• Simple 4-wire serial interface
DESCRIPTION
The MAS9191A is a high integration BeCMOS IC for
implementing the audio and data signal processing in
AMPS, ETACS or NAMPS cellular phones. The
power consumption of the device is very low due to
several automatic and software controlled power
down modes as well as the low power characteristics
of the BeCMOS process. DTMF receiver is also
included to enable answering machine functions for
the cellular phone. Only a minimal number of
external components are needed to meet typical
baseband requirements.
FEATURES
APPLICATIONS
Voice signal processing including compressor,
expander, de-emphasis and pre-emphasis filters
and digital gain adjustments
DTMF and ST generators and DTMF receiver
Busy/Idle extraction and arbitration with TX block,
voting, BCH, data buffering and framing, DCC
coding with hardware
Three 8-bit DACs and two operational amplifiers
On-chip oscillator with clock output for uP
3.3V or 5V operation with low power
consumption(RX block at 2mA/3.3V)
64-pin TQFP package, -40..85
oC operation range
AMPS/ETACS Cellular phone
NAMPS Cellular phone
BLOCK DIAGRAM
MIC
Serial
Interface
TX
Buffer
DCC
Conversion
Framing
RX
Buffer
DTMF
Receiver
Voting
Manchester
Decoder
DPLL
SCL
STB
SRxD
STxD
RX
TX
EXPANDER
BANDPASS
FILTER
DE-EMPHASIS
GAIN
CONTROL
COMPARATOR
GAIN
CONTROL
COMPRESSOR
PRE-EMPHASIS
LIMITER
LOWPASS
FILTER
Manchester
coding
BCH
Coding
SAT
Generation
Frame
Decoding
SAT
Detection
COMPARATOR
DTMF
Genera tor
SIDETONE
SPEAKER
3
8-bit
DACs
2 Utility
Operational
Amplifiers
AMPLIFIER
AMPLIFIER
ANTI -
ALIASING
BUZZER
AMPLIFIER
XSTAL1
XSTAL2
LOWPASS
FILTER
LOWPASS
FILTER
LOWPASS
FILTER
GAIN
CONTROL
GAIN
CONTROL
GAIN
CONTROL
GAIN
CONTROL
GAIN
CONTROL
AMPLIFIER
AMPLIFIER
LOWPASS
FILTER
LOWPASS
FILTER
LOWPASS
FILTER
LOWPASS
FILTER
GAIN
CONTROL
HIGHPASS
FILTER
LOWPASS
FILTER
BCH
Decoding
SIGNALLING
TONE
BANDPASS
FILTER
SYS1 (NAMPS)
SYS1 (NAMPS)


Similar Part No. - MAS9191A

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9191EB MAS-MAS9191EB Datasheet
527Kb / 16P
EVALUATION BOARD FOR CELLULAR BASEBAND ICs
More results

Similar Description - MAS9191A

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2131 RFMD-RF2131 Datasheet
84Kb / 10P
HIGH EFFICIENCY AMPS/ETACS AMPLIFIER
logo
Rohm
BH7800K ROHM-BH7800K Datasheet
174Kb / 13P
Single chip Hi-Fi audio signal processor
BH7801BK ROHM-BH7801BK Datasheet
183Kb / 14P
Single chip Hi-Fi audio signal processor
BH7802K ROHM-BH7802K Datasheet
183Kb / 14P
Single chip Hi-Fi audio signal processor
logo
Toshiba Semiconductor
TC94A04AFD TOSHIBA-TC94A04AFD Datasheet
565Kb / 42P
1 CHIP AUDIO DIGITAL PROCESSOR
TC9447F TOSHIBA-TC9447F Datasheet
635Kb / 44P
Single-Chip Audio Digital Signal Processor
logo
List of Unclassifed Man...
MX826 ETC1-MX826 Datasheet
328Kb / 13P
AMPS/NAMPS SYSTEM AUDIO PROCESSOR
logo
Toshiba Semiconductor
TC94A04AFG TOSHIBA-TC94A04AFG Datasheet
702Kb / 42P
1 chip Audio Digital Processor
TC94A48FG TOSHIBA-TC94A48FG Datasheet
628Kb / 36P
Single-chip Audio Digital Signal Processor
logo
CML Microcircuits
FX826 CMLMICRO-FX826 Datasheet
430Kb / 13P
AMPS / TACS SYSTEM AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com