Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5310 Datasheet(PDF) 27 Page - Injoinic Technology Co.,Ltd.

Part # IP5310
Description  Supports two-way SCP, VOOC, PD3.0 and other fast charging protocols, supports 2~5 cells in series Integrated buck-boost driver, maximum power 100W mobile power supply SOC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5310 Datasheet(HTML) 27 Page - Injoinic Technology Co.,Ltd.

Back Button IP5310 Datasheet HTML 23Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 24Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 25Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 26Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 27Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 28Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 29Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 30Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 31Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
IP5389
V1.2
Email: service@injoinic.com
27 / 32
Copyright © 2021, Injoinic Corp.
9. BOM 表
序号
元件名称
型号
&规格
位置
用量
备注
1
贴片 IC
QFN64 IP5389
U1
1
2
贴片电容
0603 100nF 10% 50V
C1 C2 C7
3
3
贴片电容
0603 1uF 10% 16V
C3 C4
2
4
贴片电容
0603 2.2uF 10% 16V
C5 C6
2
6
贴片电容
0805 10uF 10% 25V
CP1 CP3 CP4 CP5
4
7
贴片电容
0805 22uF 10% 25V
CP6 CP7 CP8 CP11
CP12
5
8
固态电容
100uF 35V 10%
CP10 CP15
2
9
贴片电阻
1206 0.005R 1%
R4 R5
2
10
贴片电阻
0603 10K 5%
R6
1
11
贴片电阻
0603 27K 1%
R7 R14 R16
3
12
贴片电阻
0603 6.2K 1%
R17
1
13
贴片电阻
0603 0R 1%
R18
1
14
NTC 热敏电阻
10K@25℃ B=3380
RNTC
1
15
贴片电阻
0603 100R 1%
R10 R11 R12 R13
4
可选,LED 原理图
16
贴片 LED
0603 蓝灯
D1 D2 D3 D4
4
17
贴片 LED
0603 红灯
D5
1
18
贴片电阻
0603 100R 1%
R8
1
19
贴片电阻
0603 0R 5%
R9
1
20
贴片电阻
0603 100R 1%
R9 R10 R11 R12 R13
5
可选,数码管原理图
21
贴片数码管
YFTD1508SWPG-5D
SMG1
1
22
LED 灯
5MM LED
D6
1
23
一体成型电感
10uH 7A RDC<0.01R
L1
1
24
按键
SMT 3*6 按键
K1
1
25
贴片 MOS 管
RU3030M2
Q1 Q2 Q3 Q4
4
26
输出 USB
AF10 8 脚插件 USB
USB1 USB2
2
27
USB C 座子
USB C 座子
USB3
1
28
LIGHTING 座子
苹果头母座
USB4
1
29
输入 USB
MICRO-7-DIP-5.9
USB5
1
30
贴片电阻
0603 20R 1%
R23
1
31
贴片电阻
0603 3k 1%
R24
1
32
贴片电阻
0603 510R 1%
R25
1
33
贴片电阻
0603 10R 1%
R26 R27
2
34
贴片 MOS 管
RU30J51M
H 桥 NMOS
2
35
瞬态抑制二极管
30V TVS
T1 T2
2
36
贴片电阻
0603 2R 1%
R21 R22
2
37
贴片电容
0603 2.2nF 10% 50V
C8 C9
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com