Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5310 Datasheet(PDF) 5 Page - Injoinic Technology Co.,Ltd.

Part # IP5310
Description  Supports two-way SCP, VOOC, PD3.0 and other fast charging protocols, supports 2~5 cells in series Integrated buck-boost driver, maximum power 100W mobile power supply SOC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5310 Datasheet(HTML) 5 Page - Injoinic Technology Co.,Ltd.

  IP5310 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
IP5389
V1.2
Email: service@injoinic.com
5 / 32
Copyright © 2021, Injoinic Corp.
图 2 IP5389 引脚图
IP5389 引脚说明
Pin Num
Pin Name
PIN 定义说明
1
LT
Lightning 解码引脚
2
CC3
USB C2 口检测和快充通信引脚 CC3
3
DPB
microUSB 口快充智能识别引脚 DP
4
DMB
microUSB 口快充智能识别引脚 DM
5
CC4
USB C2 口检测和快充通信引脚 CC4
6
GPIO9
通用 GPIO
7
GPIO10
通用 GPIO
8
BAT_S1
电池节数选择,接地或者不接地,可选择不同节数的电池
9
BAT_S2
电池节数选择,接地或者不接地,可选择不同节数的电池
10
VIN
microUSB 口 VIN 输入充电电源引脚
11
VING
microUSB 口输入路径 NMOS 控制引脚
12
VIN_I
microUSB 口路径电流检测引脚
13
VBUS
USB C 口 VBUS 输入/输出电源引脚
14
VBUSG
USB C 口输入/输出路径 NMOS 控制引脚
15
VBUS_I
USB C 口路径电流检测引脚
16
AGND
模拟地
17
VIO
移动电源输入/输出端引脚
18
CSP1
输入/输出端电流采样正端
19
CSN1
输入/输出端电流采样负端
20
PCIN
输入/输出端峰值电流采样引脚
21
HG1
H 桥功率管输入/输出端上管控制引脚
22
BST1
H 桥功率管输入/输出端自举电压引脚
23
LX1
输入/输出端电感连接引脚
24
LG1
H 桥功率管输入/输出端下管控制引脚
25
LG2
H 桥功率管电池端下管控制引脚
26
LX2
电池端电感连接引脚
27
BST2
H 桥功率管电池端自举电压引脚
28
HG2
H 桥功率管电池端上管控制引脚



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com