Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L010RB Datasheet(PDF) 46 Page - STMicroelectronics

Part # STM32L010RB
Description  Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0,128-Kbyte Flash memory, 20-Kbyte SRAM, 512-byte EEPROM, ADC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L010RB Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STM32L010RB Datasheet HTML 42Page - STMicroelectronics STM32L010RB Datasheet HTML 43Page - STMicroelectronics STM32L010RB Datasheet HTML 44Page - STMicroelectronics STM32L010RB Datasheet HTML 45Page - STMicroelectronics STM32L010RB Datasheet HTML 46Page - STMicroelectronics STM32L010RB Datasheet HTML 47Page - STMicroelectronics STM32L010RB Datasheet HTML 48Page - STMicroelectronics STM32L010RB Datasheet HTML 49Page - STMicroelectronics STM32L010RB Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 89 page
background image
Electrical characteristics
STM32L010RB
46/89
DS12319 Rev 3
Figure 9. IDD vs VDD, Run mode, code running from Flash memory, Range 2, HSE bypass, 1 ws
MSv48113V1
Table 21. Current consumption in Run mode, code with data processing running from RAM
Symbol
Parameter
Conditions
fHCLK
(MHz)
Typ
Max(1)
Unit
IDD (Run
from
RAM)
Supply current in
Run mode, code
executed from
RAM, Flash
memory
switched OFF
fHSE = fHCLK up to 16 MHz,
included
fHSE = fHCLK/2 above 16 MHz
(PLL ON)(2)
Range 3,
VCORE =1.2 V,
VOS[1:0] = 11
1
175
230
µA
2
315
360
4
570
630
Range 2,
VCORE = 1.5 ,V,
VOS[1:0] = 10
4
0.71
0.78
mA
8
1.35
1.6
16
2.7
3
Range 1,
VCORE =1.8 V,
VOS[1:0] = 01
81.7
1.9
16
3.2
3.7
32
6.65
7.1
MSI clock
Range 3,
VCORE =1.2 V,
VOS[1:0] = 11
0.065
38
98
µA
0.524
105
160
4.2
615
710
IDD (Run
from
RAM)
Supply current in
Run mode, code
executed from
RAM, Flash
memory
switched OFF
HSI16 clock source (16 MHz)
Range 2,
VCORE =1.5 V,
VOS[1:0] = 10
16
2.85
3
mA
Range 1,
VCORE =1.8 V,
VOS[1:0] = 01
32
6.9
7.3
1. Guaranteed by characterization results at 85 °C, not tested in production, unless otherwise specified.
2. Oscillator bypassed (HSEBYP = 1 in RCC_CR register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com