Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L010RB Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM32L010RB
Description  Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0,128-Kbyte Flash memory, 20-Kbyte SRAM, 512-byte EEPROM, ADC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L010RB Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM32L010RB Datasheet HTML 8Page - STMicroelectronics STM32L010RB Datasheet HTML 9Page - STMicroelectronics STM32L010RB Datasheet HTML 10Page - STMicroelectronics STM32L010RB Datasheet HTML 11Page - STMicroelectronics STM32L010RB Datasheet HTML 12Page - STMicroelectronics STM32L010RB Datasheet HTML 13Page - STMicroelectronics STM32L010RB Datasheet HTML 14Page - STMicroelectronics STM32L010RB Datasheet HTML 15Page - STMicroelectronics STM32L010RB Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 89 page
background image
Description
STM32L010RB
12/89
DS12319 Rev 3
2.2
Ultra-low-power device continuum
The ultra-low-power microcontrollers’ family offers a large choice of core and features, from
8-bit proprietary core up to Arm® Cortex®-M4, including Arm® Cortex®-M3 and
Arm® Cortex®-M0+. The STM32Lx series are the best choice to answer application needs in
terms of ultra-low-power features and the best solution for applications such as gas/water
meter, keyboard/mouse or fitness and healthcare applications.
Several built-in features, like LCD drivers, dual-bank memory, low-power Run mode,
operational amplifiers, 128-bit AES, DAC, crystal-less USB and many others, definitely help
building a highly cost optimized application by reducing BOM cost. STMicroelectronics, as a
reliable and long-term manufacturer, ensures as much as possible pin-to-pin compatibility
between all STM8Lx and STM32Lx on one hand, and between all STM32Lx and STM32Fx
on the other hand.
Thanks to this scalability, any legacy application can be upgraded to respond to the latest
market feature and efficiency requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com