Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L010RB Datasheet(PDF) 20 Page - STMicroelectronics

Part # STM32L010RB
Description  Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0,128-Kbyte Flash memory, 20-Kbyte SRAM, 512-byte EEPROM, ADC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L010RB Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STM32L010RB Datasheet HTML 16Page - STMicroelectronics STM32L010RB Datasheet HTML 17Page - STMicroelectronics STM32L010RB Datasheet HTML 18Page - STMicroelectronics STM32L010RB Datasheet HTML 19Page - STMicroelectronics STM32L010RB Datasheet HTML 20Page - STMicroelectronics STM32L010RB Datasheet HTML 21Page - STMicroelectronics STM32L010RB Datasheet HTML 22Page - STMicroelectronics STM32L010RB Datasheet HTML 23Page - STMicroelectronics STM32L010RB Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 89 page
background image
Functional overview
STM32L010RB
20/89
DS12319 Rev 3
Figure 2. Clock tree
MSv34747V2
Legend:
HSE = High-speed external clock signal
HSI = High-speed internal clock signal
LSI = Low-speed internal clock signal
LSE = Low-speed external clock signal
MSI = Multispeed internal clock signal
Watchdog LS
LSI RC
LSE OSC
RTC
LSI tempo
@V33
/ 1,2,4,8,16
HSI16 RC
Level shifters
HSE OSC
Level shifters
LSU
1 MHz Clock
Detector
LSD
/ 8
LSE tempo
MSI RC
Level shifters
/ 2,4,8,16
/ 2,3,4
Level shifters
PLL
X
3,4,6,8,12,16,
24,32,48
AHB
PRESC
/ 1,2,…, 512
Clock
Source
Control
@V33
@V33
@V33
@V33
@V18
@V18
@V18
@V18
I2C1CLK
LPUART/
UARTCLK
LPTIMCLK
LSE
HSI16
SYSCLK
PCLK
LSI
not (sleep or
deepsleep)
not (sleep or
deepsleep)
not deepsleep
not deepsleep
HCLK
TIMxCLK
CK_PWR
FCLK
PLLCLK
HSE
HSI16
MSI
LSE
LSI
HSE present or not
@V33
@VDDCORE
ck_rchs
/ 1,4
HSI16
MSI
4 MHz
ck_pllin
Enable Watchdog
RTC2 enable
ADC enable
ADCCLK
LSU
LSD
LSD
MCO
MCOSEL
PLLSRC
RTCSEL
System
Clock
Peripherals
enable
Peripherals
enable
Peripheral
clock enable
PCLK1 to APB1
peripherals
If (APB1 presc=1) x1
else x2)
to TIMx
Peripheral
clock enable
APB2
PRESC
/ 1,2,4,8,16
Peripheral
clock enable
PCLK2 to APB2
peripherals
32 MHz
max.
If (APB2 presc=1) x1
else x2)
to TIMx
Peripherals
enable
APB1
PRESC
/ 1,2,4,8,16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com