Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L010RB Datasheet(PDF) 47 Page - STMicroelectronics

Part # STM32L010RB
Description  Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0,128-Kbyte Flash memory, 20-Kbyte SRAM, 512-byte EEPROM, ADC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L010RB Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STM32L010RB Datasheet HTML 43Page - STMicroelectronics STM32L010RB Datasheet HTML 44Page - STMicroelectronics STM32L010RB Datasheet HTML 45Page - STMicroelectronics STM32L010RB Datasheet HTML 46Page - STMicroelectronics STM32L010RB Datasheet HTML 47Page - STMicroelectronics STM32L010RB Datasheet HTML 48Page - STMicroelectronics STM32L010RB Datasheet HTML 49Page - STMicroelectronics STM32L010RB Datasheet HTML 50Page - STMicroelectronics STM32L010RB Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 89 page
background image
DS12319 Rev 3
47/89
STM32L010RB
Electrical characteristics
82
Table 22. Current consumption in Run mode vs code type, code with data processing
running from RAM(1)
Symbol
Parameter
Conditions
fHCLK
Typ
Unit
IDD (Run
from
RAM)
Supply current in
Run mode, code
executed from
RAM, Flash
memory switched
OFF
fHSE = fHCLK up to 16 MHz,
included,
fHSE = fHCLK/2 above 16 MHz
(PLL ON)(2)
Range 3
VCORE =1.2 V
VOS[1:0] = 11
Dhrystone
4 MHz
570
µA
CoreMark
670
Fibonacci
410
while(1)
375
Range 1
VCORE =1.8 V
VOS[1:0] = 01
Dhrystone
32 MHz
6.7
mA
CoreMark
7
Fibonacci
5.9
while(1)
5.2
1. Guaranteed by characterization results, not tested in production, unless otherwise specified.
2. Oscillator bypassed (HSEBYP = 1 in RCC_CR register).
Table 23. Current consumption in Sleep mode
Symbol
Parameter
Conditions
fHCLK
(MHz)
Typ
Max(1)
Unit
IDD
(Sleep)
Supply current
in Sleep
mode, Flash
memory OFF
fHSE = fHCLK up to 16 MHz
included,
fHSE = fHCLK/2 above 16
MHz (PLL ON)(2)
Range 3,
VCORE =1.2 V,
VOS[1:0] = 11
143
110
µA
272
140
4
130
200
Range 2,
VCORE =1.5 V,
VOS[1:0] = 10
4
160
220
8
305
380
16
590
690
Range 1,
VCORE =1.8 V,
VOS[1:0] = 01
8
370
460
16
715
840
32
1650
2000
MSI clock
Range 3,
VCORE =1.2 V,
VOS[1:0] = 11
0.065
18
93
0.524
31.5
110
4.2
140
230
HSI16 clock source (16
MHz)
Range 2,
VCORE =1.5 V,
VOS[1:0] = 10
16
665
850
Range 1,
VCORE =1.8 V,
VOS[1:0] = 01
32
1750
2100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com