Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L010RB Datasheet(PDF) 38 Page - STMicroelectronics

Part # STM32L010RB
Description  Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0,128-Kbyte Flash memory, 20-Kbyte SRAM, 512-byte EEPROM, ADC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L010RB Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STM32L010RB Datasheet HTML 34Page - STMicroelectronics STM32L010RB Datasheet HTML 35Page - STMicroelectronics STM32L010RB Datasheet HTML 36Page - STMicroelectronics STM32L010RB Datasheet HTML 37Page - STMicroelectronics STM32L010RB Datasheet HTML 38Page - STMicroelectronics STM32L010RB Datasheet HTML 39Page - STMicroelectronics STM32L010RB Datasheet HTML 40Page - STMicroelectronics STM32L010RB Datasheet HTML 41Page - STMicroelectronics STM32L010RB Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 89 page
background image
Electrical characteristics
STM32L010RB
38/89
DS12319 Rev 3
6.1.6
Power supply scheme
Figure 6. Power supply scheme
1. VSSA is internally connected to VSS on all packages.
6.1.7
Current consumption measurement
Figure 7. Current consumption measurement scheme
MSv48106V1
Analog:
RC,PLL,….
VDD
GP I/Os
OUT
IN
Kernel logic
(CPU,
Digital &
Memories)
Standby-power circuitry
(OSC32,RTC,Wake-up
logic, RTC backup
registers)
N × 100 nF
+ 1 × 10 μF
Regulator
VSS
VDDA
VSSA
ADC
IO
Logic
VDD
100 nF
+ 1 μF
VDDA
MSv34711V1
NxVDD
IDD
N × 100 nF
+ 1 × 10 μF
NxVSS
VDDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com