Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L010RB Datasheet(PDF) 49 Page - STMicroelectronics

Part # STM32L010RB
Description  Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0,128-Kbyte Flash memory, 20-Kbyte SRAM, 512-byte EEPROM, ADC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L010RB Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STM32L010RB Datasheet HTML 45Page - STMicroelectronics STM32L010RB Datasheet HTML 46Page - STMicroelectronics STM32L010RB Datasheet HTML 47Page - STMicroelectronics STM32L010RB Datasheet HTML 48Page - STMicroelectronics STM32L010RB Datasheet HTML 49Page - STMicroelectronics STM32L010RB Datasheet HTML 50Page - STMicroelectronics STM32L010RB Datasheet HTML 51Page - STMicroelectronics STM32L010RB Datasheet HTML 52Page - STMicroelectronics STM32L010RB Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 89 page
background image
DS12319 Rev 3
49/89
STM32L010RB
Electrical characteristics
82
Figure 10. IDD vs VDD, Low-power run mode executed from RAM, Range 3, MSI at 65 KHz, 0 ws
Table 24. Current consumption in Low-power run mode
Symbol
Parameter
Conditions
Typ
Max(1) Unit
IDD
(LP run)
Supply
current in
Low-power
run mode
All peripherals OFF,
code executed from
RAM, Flash memory
switched OFF, VDD
from 1.8 V to 3.6 V
MSI clock = 65 KHz
fHCLK =32 KHz
TA = -40 °C to 25 °C
9.5
12
µA
TA = 85 °C
14
58
MSI clock = 65 KHz
fHCLK =65 KHz
TA =-40 °C to 25 °C
15
18
TA = 85 °C
20
60
MSI
clock = 131 KHz
fHCLK =131 KHz
TA = -40 °C to 25 °C
27
30
TA = 55 °C
28
60
TA = 85 °C
31
66
All peripherals OFF,
code executed from
Flash memory, VDD
from 1.8 V to 3.6 V
MSI clock = 65 KHz
fHCLK =32 KHz
TA = -40 °C to 25 °C
25
34
TA = 85 °C
30
82
MSI clock = 65 KHz
fHCLK =65 KHz
TA = -40 °C to 25 °C
31
40
TA = 85 °C
37
88
MSI
clock = 131 KHz
fHCLK =131 KHz
TA = -40 °C to 25 °C
45
56
TA = 55 °C
48
96
TA = 85 °C
51
110
1. Guaranteed by characterization results, not tested in production, unless otherwise specified.
MSv48114V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com