Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L010RB Datasheet(PDF) 60 Page - STMicroelectronics

Part # STM32L010RB
Description  Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0,128-Kbyte Flash memory, 20-Kbyte SRAM, 512-byte EEPROM, ADC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L010RB Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STM32L010RB Datasheet HTML 56Page - STMicroelectronics STM32L010RB Datasheet HTML 57Page - STMicroelectronics STM32L010RB Datasheet HTML 58Page - STMicroelectronics STM32L010RB Datasheet HTML 59Page - STMicroelectronics STM32L010RB Datasheet HTML 60Page - STMicroelectronics STM32L010RB Datasheet HTML 61Page - STMicroelectronics STM32L010RB Datasheet HTML 62Page - STMicroelectronics STM32L010RB Datasheet HTML 63Page - STMicroelectronics STM32L010RB Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 89 page
background image
Electrical characteristics
STM32L010RB
60/89
DS12319 Rev 3
6.3.7
Internal clock source characteristics
The parameters given in Table 36 are derived from tests performed under ambient
temperature and VDD supply voltage conditions summarized in Table 15.
High-speed internal 16 MHz (HSI16) RC oscillator
Figure 17. HSI16 minimum and maximum value versus temperature
Table 36. 16 MHz HSI16 oscillator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSI16
Frequency
VDD = 3.0 V
-
16
-
MHz
TRIM
(1)(2)
1. The trimming step differs depending on the trimming code. It is usually negative on the codes which are
multiples of 16 (0x00, 0x10, 0x20, 0x30...0xE0).
HSI16 user-
trimmed resolution
Trimming code is not a multiple
of 16
-±0.4
0.7
%
Trimming code is a multiple of 16
-
-
±1.5
ACCHSI16
(2)
2. Guaranteed by characterization results, not tested in production.
Accuracy of the
factory-calibrated
HSI16 oscillator
VDDA = 3.0 V, TA = 25 °C
–1(3)
3. Guaranteed by test in production.
-1(3)
VDDA = 3.0 V, TA = 0 to 55 °C
–1.5
-
1.5
VDDA = 3.0 V, TA = –10 to 70 °C
–2
-
2
VDDA = 3.0 V, TA = –10 to 85 °C
–2.5
-
2
VDDA = 1.8 V to 3.6 V
TA = -40 to 85 °C
–5.45
-
3.25
tSU(HSI16)(2)
HSI16 oscillator
startup time
--
3.7
6
µs
IDD(HSI16)(2)
HSI16 oscillator
power
consumption
-
-
100
140
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com