Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L010RB Datasheet(PDF) 48 Page - STMicroelectronics

Part # STM32L010RB
Description  Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0,128-Kbyte Flash memory, 20-Kbyte SRAM, 512-byte EEPROM, ADC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L010RB Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STM32L010RB Datasheet HTML 44Page - STMicroelectronics STM32L010RB Datasheet HTML 45Page - STMicroelectronics STM32L010RB Datasheet HTML 46Page - STMicroelectronics STM32L010RB Datasheet HTML 47Page - STMicroelectronics STM32L010RB Datasheet HTML 48Page - STMicroelectronics STM32L010RB Datasheet HTML 49Page - STMicroelectronics STM32L010RB Datasheet HTML 50Page - STMicroelectronics STM32L010RB Datasheet HTML 51Page - STMicroelectronics STM32L010RB Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 89 page
background image
Electrical characteristics
STM32L010RB
48/89
DS12319 Rev 3
IDD
(Sleep)
Supply current
in Sleep
mode, Flash
memory ON
fHSE = fHCLK up to 16 MHz
included,
fHSE = fHCLK/2 above
16 MHz (PLL ON)(2)
Range 3,
VCORE =1.2 V,
VOS[1:0] = 11
1
57.5
130
µA
284
160
4
150
220
Range 2,
CORE =1.5 V,
VOS[1:0] = 10
4
170
240
8
315
400
16
605
710
Range 1,
VCORE =1.8 V,
VOS[1:0] = 01
8
380
470
16
730
860
32
1650
2000
MSI clock
Range 3,
VCORE =1.2 V,
VOS[1:0] = 11
0.065
29.5
110
0.524
44.5
120
4.2
150
240
HSI16 clock source (16
MHz)
Range 2,
VCORE =1.5 V,
VOS[1:0] = 10
16
680
930
Range 1,
VCORE =1.8 V,
VOS[1:0] = 01
32
1750
2200
1. Guaranteed by characterization results, not tested in production, unless otherwise specified.
2. Oscillator bypassed (HSEBYP = 1 in RCC_CR register).
Table 23. Current consumption in Sleep mode (continued)
Symbol
Parameter
Conditions
fHCLK
(MHz)
Typ
Max(1)
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com