Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8607 Datasheet(PDF) 4 Page - Analog Devices

Part # LT8607
Description  42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5μA Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8607 Datasheet(HTML) 4 Page - Analog Devices

  LT8607 Datasheet HTML 1Page - Analog Devices LT8607 Datasheet HTML 2Page - Analog Devices LT8607 Datasheet HTML 3Page - Analog Devices LT8607 Datasheet HTML 4Page - Analog Devices LT8607 Datasheet HTML 5Page - Analog Devices LT8607 Datasheet HTML 6Page - Analog Devices LT8607 Datasheet HTML 7Page - Analog Devices LT8607 Datasheet HTML 8Page - Analog Devices LT8607 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LT8609S
4
Rev. D
For more information www.analog.com
Efficiency (3.3V Output, 2MHz,
Burst Mode Operation)
Efficiency (3.3V Output, 2MHz,
Burst Mode Operation)
Efficiency (5V Output, 2MHz,
Burst Mode Operation)
Efficiency (5V Output, 2MHz,
Burst Mode Operation)
FB Voltage
Load Regulation
Line Regulation
No-Load Supply Current
(3.3V Output)
fSW = 2MHz
VIN = 12V
VIN = 24V
L = 2.2µH
IOUT (mA)
0.001 0.01 0.1
1
10
100
1k
10k
0
10
20
30
40
50
60
70
80
90
100
8609S G04
TEMPERATURE (°C)
–50
–10
30
70
110
150
768.0
769.0
770.0
771.0
772.0
773.0
774.0
775.0
776.0
777.0
778.0
8609S G05
OUTPUT CURRENT (A)
0.0 0.25 0.5 0.75 1.0 1.25 1.5 1.75 2.0 2.25 2.5
–0.50
–0.40
–0.30
–0.20
–0.10
0.00
0.10
0.20
0.30
0.40
0.50
8609S G06
VIN = 12V
VOUT = 3.3V
INPUT VOLTAGE (V)
4.0
11.6
19.2
26.8
34.4
42.0
–0.20
–0.15
–0.10
–0.05
0.00
0.05
0.10
0.15
0.20
8609S G07
ILOAD = 1A
VIN (V)
0
5.0
1.5
4.0
2.0
0.5
3.5
3.0
1.0
4.5
2.5
0.0
30
8609S G08
50
40
20
10
TEMPERATURE (°C)
–50
–10
30
70
110
150
1.3
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
8609S G09
VIN = 12V
VOUT = 3.3V
TYPICAL PERFORMANCE CHARACTERISTICS
fSW = 2MHz
VIN = 12V
VIN = 24V
L = 2.2µH
IOUT (A)
0.0
0.5
1.0
1.5
2.0
2.5
3
50
55
60
65
70
75
80
85
90
95
100
8609S G01
fSW = 2MHz
VIN = 12V
VIN = 24V
L = 2.2µH
IOUT (mA)
0.001 0.01 0.1
1
10
100
1k
10k
0
10
20
30
40
50
60
70
80
90
100
8609S G02
fSW = 2MHz
VIN = 12V
VIN = 24V
L = 2.2µH
IOUT (A)
0.0
0.5
1.0
1.5
2.0
2.5
3
50
55
60
65
70
75
80
85
90
95
100
8609S G03
No-Load Supply Current
vs Temperature (Not Switching)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com