Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8607 Datasheet(PDF) 24 Page - Analog Devices

Part # LT8607
Description  42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5μA Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8607 Datasheet(HTML) 24 Page - Analog Devices

Back Button LT8607 Datasheet HTML 16Page - Analog Devices LT8607 Datasheet HTML 17Page - Analog Devices LT8607 Datasheet HTML 18Page - Analog Devices LT8607 Datasheet HTML 19Page - Analog Devices LT8607 Datasheet HTML 20Page - Analog Devices LT8607 Datasheet HTML 21Page - Analog Devices LT8607 Datasheet HTML 22Page - Analog Devices LT8607 Datasheet HTML 23Page - Analog Devices LT8607 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LT8609S
24
Rev. D
For more information www.analog.com
www.analog.com
ANALOG DEVICES, INC. 2017-2021
02/21
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LT8606
42V, 350mA, 92% Efficiency, 2.2MHz Synchronous Step-Down
DC/DC Converter
VIN = 3.0V to 42V, VOUT(MIN) = 0.778V, IQ = 3µA, ISD < 1µA,
MSOP-10E and 2mm × 2mm DFN-8 Packages
LT8607
42V, 750mA, 93% Efficiency, 2.2MHz Synchronous Step-Down
DC/DC Converter
VIN = 3.0V to 42V, VOUT(MIN) = 0.778V, IQ = 3µA, ISD < 1µA,
MSOP-10E and 2mm × 2mm DFN-8 Packages
LT8609/LT8609A/
LT8609B
42V, 2A, 94% Efficiency, 2.2MHz Synchronous MicroPower
Step-Down DC/DC Converter with IQ = 2.5µA
VIN = 3V to 42V, VOUT(MIN) = 0.8V, IQ = 2.5µA, ISD < 1µA,
MSOP-10E Package
LT8640S
42V, 6A, 95% Efficiency, 2.2MHz Synchronous Silent Switcher 2
Step-Down DC/DC Converter with IQ = 2.5µA
VIN = 3.4V to 42V, VOUT(MIN) = 0.97V, IQ = 2.5µA, ISD < 1µA,
4mm × 4mm LQFN-24 Package
LT8645S
65V, 8A, 95% Efficiency, 2.2MHz Synchronous Silent Switcher 2
Step-Down DC/DC Converter with IQ = 2.5µA
VIN = 3.4V to 65V, VOUT(MIN) = 0.8V, IQ = 2.5µA, ISD < 1µA,
4mm × 6mm LQFN-32 Package
LT8640
42V, 5A, 95% Efficiency, 2.2MHz Synchronous Silent Switcher 2
Step-Down DC/DC Converter with IQ = 2.5µA
VIN = 3.4V to 42V, VOUT(MIN) = 0.97V, IQ = 2.5µA, ISD < 1µA,
3mm × 4mm QFN-16 Package
LT8610A/
LT8610AB
42V, 3.5A, 96% Efficiency, 2.2MHz Synchronous MicroPower
Step-Down DC/DC Converter with IQ = 2.5µA
VIN = 3.4V to 42V, VOUT(MIN) = 0.97V, IQ = 2.5µA, ISD < 1µA,
MSOP-16E Package
LT8610AC
42V, 3.5A, 96% Efficiency, 2.2MHz Synchronous MicroPower
Step-Down DC/DC Converter with IQ = 2.5µA
VIN = 3V to 42V, VOUT(MIN) = 0.8V, IQ = 2.5µA, ISD < 1µA,
MSOP-16E Package
LT8610
42V, 2.5A, 96% Efficiency, 2.2MHz Synchronous MicroPower
Step-Down DC/DC Converter with IQ = 2.5µA
VIN = 3.4V to 42V, VOUT(MIN) = 0.97V, IQ = 2.5µA, ISD < 1µA,
MSOP-16E Package
LT8612
42V, 6A, 96% Efficiency, 2.2MHz Synchronous MicroPower
Step-Down DC/DC Converter with IQ = 2.5µA
VIN = 3.4V to 42V, VOUT(MIN) = 0.97V, IQ = 3.0µA, ISD < 1µA,
3mm × 6mm QFN-28 Package
LT8602
42V, Quad Output (2.5A+1.5A+1.5A+1.5A) 95% Efficiency, 2.2MHz
Synchronous MicroPower Step-Down DC/DC Converter with IQ = 25µA
VIN = 3V to 42V, VOUT(MIN)= 0.8V, IQ = 25µA, ISD < 1µA,
6mm × 6mm QFN-40 Package
C8
4.7µF
R9
10k
R10
31.6k
C10
47µF
C11
10pF
L2
2.2µH
R5
18.2k
R6
1M
R7
768k
R8
100k
C12
1µF
VIN
EN/UV
SYNC
LT8609S
INTVCC
TR/SS
RT
GND
FB
PG
SW
POWER
GOOD
fSW = 2MHz
VOUT
1.8V
2A
8609S TA07
C2
4.7µF
C3
1µF
C4
47µF
C5
10pF
L1
2.2µH
R1
18.2k
R2
1M
R3
309k
R4
100k
C6
10nF
VIN
EN/UV
LT8609S
INTVCC
TR/SS
RT
GND
FB
PG
SW
VIN
3.8V
TO 20V
(42V TRANSIENT)
POWER
GOOD
fSW = 2MHz
VOUT
3.3V, 2A
SYNC
L1, L2 = XFL4020-222ME
C2,C8 = X7R 1206
C4, C10 = X7R 1210
Tracking 3.3V and 1.8V 2MHz Converters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com