Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8607 Datasheet(PDF) 17 Page - Analog Devices

Part # LT8607
Description  42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5μA Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8607 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT8607 Datasheet HTML 13Page - Analog Devices LT8607 Datasheet HTML 14Page - Analog Devices LT8607 Datasheet HTML 15Page - Analog Devices LT8607 Datasheet HTML 16Page - Analog Devices LT8607 Datasheet HTML 17Page - Analog Devices LT8607 Datasheet HTML 18Page - Analog Devices LT8607 Datasheet HTML 19Page - Analog Devices LT8607 Datasheet HTML 20Page - Analog Devices LT8607 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LT8609S
17
Rev. D
For more information www.analog.com
APPLICATIONS INFORMATION
The LT8609S will not enter Burst Mode operation at low
output loads while synchronized to an external clock,
but instead will pulse skip to maintain regulation. The
LT8609S may be synchronized over a 200kHz to 2.2MHz
range. The RT resistor should be chosen to set the
LT8609S switching frequency equal to or below the low-
est synchronization input. For example, if the synchro-
nization signal will be 500kHz and higher, the RT should
be selected for 500kHz. The slope compensation is set
by the RT value, while the minimum slope compensation
required to avoid subharmonic oscillations is established
by the inductor size, input voltage, and output voltage.
Since the synchronization frequency will not change the
slopes of the inductor current waveform, if the inductor
is large enough to avoid subharmonic oscillations at the
frequency set by RT, then the slope compensation will be
sufficient for all synchronization frequencies.
For some applications it is desirable for the LT8609S to
operate in pulse-skipping mode, offering two major differ-
ences from Burst Mode operation. First is the clock stays
awake at all times and all switching cycles are aligned to the
clock. Second is that full switching frequency is reached at
lower output load than in Burst Mode operation as shown
in Figure 1b in an earlier section. These two differences
come at the expense of increased quiescent current. To
enable pulse-skipping mode the SYNC pin is floated.
For some applications, reduced EMI operation may be
desirable, which can be achieved through spread spec-
trum modulation. This mode operates similar to pulse
skipping mode operation, with the key difference that the
switching frequency is modulated up and down by a 3 kHz
triangle wave. The modulation has the frequency set by RT
as the low frequency, and modulates up to approximately
20% higher than the frequency set by RT. To enable spread
spectrum mode, tie SYNC to INTVCC or drive to a voltage
between 3.2V and 5V.
The LT8609S does not operate in forced continuous mode
regardless of SYNC signal.
Shorted and Reversed Input Protection
The LT8609S will tolerate a shorted output. Several fea-
tures are used for protection during output short-circuit
and brownout conditions. The first is the switching fre-
quency will be folded back while the output is lower than
the set point to maintain inductor current control (only if
SYNC = 0V).. Second, the bottom switch current is mon-
itored such that if inductor current is beyond safe levels
switching of the top switch will be delayed until such time
as the inductor current falls to safe levels. This allows for
tailoring the LT8609S to individual applications and lim-
iting thermal dissipation during short circuit conditions.
Frequency foldback behavior depends on the state of the
SYNC pin: If the SYNC pin is low or high, or floated the
switching frequency will slow while the output voltage
is lower than the programmed level. If the SYNC pin is
connected to a clock source, the LT8609S will stay at the
programmed frequency without foldback and only slow
switching if the inductor current exceeds safe levels.
There is another situation to consider in systems where
the output will be held high when the input to the LT8609S
is absent. This may occur in battery charging applications
or in battery backup systems where a battery or some
other supply is diode ORed with the LT8609S’s output.
If the VIN pin is allowed to float and the EN pin is held
high (either by a logic signal or because it is tied to VIN),
then the LT8609S’s internal circuitry will pull its quies-
cent current through its SW pin. This is acceptable if the
system can tolerate several μA in this state. If the EN pin
is grounded the SW pin current will drop to near 0.7µA.
However, if the VIN pin is grounded while the output is
held high, regardless of EN, parasitic body diodes inside
the LT8609S can pull current from the output through the
SW pin and the VIN pin. Figure 3 shows a connection of
the VIN and EN/UV pins that will allow the LT8609S to run
only when the input voltage is present and that protects
against a shorted or reversed input.
Figure 3.
VIN
VIN
LT8609S
GND
D1
8609S F03
EN/UV
Reverse VIN Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com