Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8607 Datasheet(PDF) 18 Page - Analog Devices

Part # LT8607
Description  42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5μA Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8607 Datasheet(HTML) 18 Page - Analog Devices

Back Button LT8607 Datasheet HTML 14Page - Analog Devices LT8607 Datasheet HTML 15Page - Analog Devices LT8607 Datasheet HTML 16Page - Analog Devices LT8607 Datasheet HTML 17Page - Analog Devices LT8607 Datasheet HTML 18Page - Analog Devices LT8607 Datasheet HTML 19Page - Analog Devices LT8607 Datasheet HTML 20Page - Analog Devices LT8607 Datasheet HTML 21Page - Analog Devices LT8607 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LT8609S
18
Rev. D
For more information www.analog.com
APPLICATIONS INFORMATION
side of the circuit board, and their connections should
be made on that layer. Place a local, unbroken ground
plane under the application circuit on the layer closest
to the surface layer. The SW node should be as small as
possible. Finally, keep the FB and RT nodes small so that
the ground traces will shield them from the SW node.
The exposed pad on the bottom of the package must
be soldered to ground so that the pad is connected to
ground electrically and also acts as a heat sink thermally.
To keep thermal resistance low, extend the ground plane
as much as possible, and add thermal vias under and
near the LT8609S to additional ground planes within
the circuit board and on the bottom side. For mechani-
cal performance during temperature cycles, solder the
corner N/C pins to the ground plane.
PCB Layout
For proper operation and minimum EMI, care must
be taken during printed circuit board layout. Figure 4
shows the recommended component placement with
trace, ground plane and via locations. Note that large,
switched currents flow in the LT8609S’s VIN pins, GND
pins, and the input capacitor (CIN). The loop formed
by the input capacitor should be as small as possible
by placing the capacitor adjacent to the VIN and GND
pins. When using a physically large input capacitor
the resulting loop may become too large in which case
using a small case/value capacitor placed close to the
VIN and GND pins plus a larger capacitor further away
is preferred. These components, along with the induc-
tor and output capacitor, should be placed on the same
Figure 4. PCB Layout
8609S F04
GND VIA
VIN VIA
VOUT VIA
OTHER SIGNAL VIA
COUT
CVCC
L
RT
R2
CFF
R1
CSS
RPG
CIN
R4
R3
GROUND PLANE ON LAYER 2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com