Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8607 Datasheet(PDF) 8 Page - Analog Devices

Part # LT8607
Description  42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5μA Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8607 Datasheet(HTML) 8 Page - Analog Devices

Back Button LT8607 Datasheet HTML 4Page - Analog Devices LT8607 Datasheet HTML 5Page - Analog Devices LT8607 Datasheet HTML 6Page - Analog Devices LT8607 Datasheet HTML 7Page - Analog Devices LT8607 Datasheet HTML 8Page - Analog Devices LT8607 Datasheet HTML 9Page - Analog Devices LT8607 Datasheet HTML 10Page - Analog Devices LT8607 Datasheet HTML 11Page - Analog Devices LT8607 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LT8609S
8
Rev. D
For more information www.analog.com
Radiated EMI Performance
(CISPR25 Radiated Emission Test with Class 5 Peak Limits)
FREQUENCY (MHz)
0
50
–5
45
35
25
5
40
30
15
10
20
0
–10
500
900
300
700
8609S G34
1000
400
800
200
600
100
FREQUENCY (MHz)
0
50
–5
45
35
25
5
40
30
15
10
20
0
–10
500
900
300
700
1000
400
800
200
600
100
HORIZONTAL POLARIZATION
PEAK DETECTOR
VERTICAL POLARIZATION
PEAK DETECTOR
CLASS 5 PEAK LIMIT
FIXED FREQUENCY
SPREAD SPECTRUM MODE
CLASS 5 PEAK LIMIT
FIXED FREQUENCY
SPREAD SPECTRUM MODE
DC2522A DEMO BOARD
WITH EMI FILTER INSTALLED
14V INPUT TO 5V OUTPUT AT 2A, fSW = 2MHz
FREQUENCY (MHz)
0
80
–10
70
50
30
10
60
40
20
0
–20
15
27
9
21
8609S G33
30
12
24
6
18
3
PEAK DETECTOR
CLASS 5 PEAK LIMIT
FIXED FREQUENCY
SPREAD SPECTRUM MODE
DC2522A DEMO BOARD
WITH EMI FILTER INSTALLED
14V INPUT TO 5V OUTPUT AT 2A, fSW = 2MHz
Conducted EMI Performance
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com