Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8607 Datasheet(PDF) 11 Page - Analog Devices

Part # LT8607
Description  42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5μA Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8607 Datasheet(HTML) 11 Page - Analog Devices

Back Button LT8607 Datasheet HTML 7Page - Analog Devices LT8607 Datasheet HTML 8Page - Analog Devices LT8607 Datasheet HTML 9Page - Analog Devices LT8607 Datasheet HTML 10Page - Analog Devices LT8607 Datasheet HTML 11Page - Analog Devices LT8607 Datasheet HTML 12Page - Analog Devices LT8607 Datasheet HTML 13Page - Analog Devices LT8607 Datasheet HTML 14Page - Analog Devices LT8607 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LT8609S
11
Rev. D
For more information www.analog.com
OPERATION
The LT8609S is a monolithic constant frequency current
mode step-down DC/DC converter. An oscillator with
frequency set using a resistor on the RT pin turns on
the internal top power switch at the beginning of each
clock cycle. Current in the inductor then increases until
the top switch current comparator trips and turns off the
top power switch. The peak inductor current at which the
top switch turns off is controlled by the voltage on the
internal VC node. The error amplifier servos the VC node
by comparing the voltage on the VFB pin with an inter-
nal 0.774V reference. When the load current increases
it causes a reduction in the feedback voltage relative to
the reference leading the error amplifier to raise the VC
voltage until the average inductor current matches the
new load current. When the top power switch turns off
the synchronous power switch turns on until the next
clock cycle begins or inductor current falls to zero. If over-
load conditions result in excess current flowing through
the bottom switch, the next clock cycle will be delayed
until switch current returns to a safe level.
If the EN/UV pin is low, the LT8609S is shut down and
draws 1µA from the input. When the EN/UV pin is above
1V, the switching regulator becomes active.
To optimize efficiency at light loads, the LT8609S enters
Burst Mode operation during light load situations.
Between bursts, all circuitry associated with controlling
the output switch is shut down, reducing the input supply
current to 1.7μA. In a typical application, 2.5μA will be
consumed from the input supply when regulating with no
load. The SYNC pin is tied low to use Burst Mode opera-
tion and can be floated to use pulse-skipping mode. If a
clock is applied to the SYNC pin the part will synchronize
to an external clock frequency and operate in pulse-skip-
ping mode. While in pulse-skipping mode the oscillator
operates continuously and positive SW transitions are
aligned to the clock. During light loads, switch pulses are
skipped to regulate the output and the quiescent current
will be several mA. The SYNC pin may be tied high for
spread spectrum modulation mode, and the LT8609S will
operate similar to pulse-skipping mode but vary the clock
frequency to reduce EMI.
Comparators monitoring the FB pin voltage will pull the PG
pin low if the output voltage varies more than ±8.5% (typ-
ical) from the set point, or if a fault condition is present.
The oscillator reduces the LT8609S’s operating frequency
when the voltage at the FB pin is low. This frequency fold-
back helps to control the inductor current when the output
voltage is lower than the programmed value which occurs
during start-up. When a clock is applied to the SYNC pin
the frequency foldback is disabled. Frequency foldback is
only enabled when the SYNC pin is tied to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com