Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8607 Datasheet(PDF) 2 Page - Analog Devices

Part # LT8607
Description  42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5μA Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8607 Datasheet(HTML) 2 Page - Analog Devices

  LT8607 Datasheet HTML 1Page - Analog Devices LT8607 Datasheet HTML 2Page - Analog Devices LT8607 Datasheet HTML 3Page - Analog Devices LT8607 Datasheet HTML 4Page - Analog Devices LT8607 Datasheet HTML 5Page - Analog Devices LT8607 Datasheet HTML 6Page - Analog Devices LT8607 Datasheet HTML 7Page - Analog Devices LT8607 Datasheet HTML 8Page - Analog Devices LT8607 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT8609S
2
Rev. D
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, EN/UV, PG..........................................................42V
FB, TR/SS . .................................................................4V
SYNC Voltage .............................................................6V
Operating Junction Temperature Range (Note 2)
LT8609SE .............................................. –40 to 125°C
LT8609SI ............................................... –40 to 125°C
Storage Temperature Range ......................–65 to 150°C
Maximum Reflow (Package Body)
Temperature......................................................260°C
(Note 1)
12
11
10
9
N/C
RT
VCC
GND
GND
N/C
N/C
PG
EN/UV
VIN
VIN
N/C
1
2
3
4
16 15 14 13
5
6
7
8
TOP VIEW
LQFN PACKAGE
16-LEAD (3mm × 3mm) LQFN
JEDEC BOARD: θJA = 50°C/W, θJC(PAD) = 14°C/W (NOTE 4)
DEMOBOARD: θJA = 31°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
17
GND
ORDER INFORMATION
PART NUMBER
TAPE AND REEL
PART
MARKING*
FINISH
CODE
PAD
FINISH
PACKAGE
TYPE**
MSL
RATING
TEMPERATURE RANGE
LT8609SEV#PBF
LT8609SEV#TRPBF
LGYN
e4
Au
(RoHS)
LQFN (Laminate Package
with QFN Footprint
3
–40°C to 125°C
LT8609SIV#PBF
LT8609SIV#TRPBF
LGYN
–40°C to 125°C
AUTOMOTIVE PRODUCTS**
LT8609SEV#WPBF
LT8609SEV#WTRPBF
LGYN
e4
Au
(RoHS)
LQFN (Laminate Package
with QFN Footprint
3
–40°C to 125°C
LT8609SIV#WPBF
LT8609SIV#WTRPBF
LGYN
–40°C to 125°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
• Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Recommended PCB Assembly and Manufacturing Procedures.
• Package and Tray Drawings
• Parts ending with PBF are RoHS and WEEE compliant.
** The LT8609S package has the same footprint as a standard 3mm × 3mm QFN Package.
**Versions of this part are available with controlled manufacturing to support the quality and reliability requirements of automotive applications. These
models are designated with a #W suffix. Only the automotive grade products shown are available for use in automotive applications. Contact your
local Analog Devices account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for
these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com