Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8607 Datasheet(PDF) 19 Page - Analog Devices

Part # LT8607
Description  42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5μA Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8607 Datasheet(HTML) 19 Page - Analog Devices

Back Button LT8607 Datasheet HTML 15Page - Analog Devices LT8607 Datasheet HTML 16Page - Analog Devices LT8607 Datasheet HTML 17Page - Analog Devices LT8607 Datasheet HTML 18Page - Analog Devices LT8607 Datasheet HTML 19Page - Analog Devices LT8607 Datasheet HTML 20Page - Analog Devices LT8607 Datasheet HTML 21Page - Analog Devices LT8607 Datasheet HTML 22Page - Analog Devices LT8607 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LT8609S
19
Rev. D
For more information www.analog.com
Thermal Considerations and Peak Current Output
For higher ambient temperatures, care should be taken in
the layout of the PCB to ensure good heat sinking of the
LT8609S. The exposed pad on the bottom of the package
must be soldered to a ground plane. This ground should be
tied to large copper layers below with thermal vias; these
layers will spread heat dissipated by the LT8609S. Placing
additional vias can reduce thermal resistance further. The
maximum load current should be derated as the ambient
temperature approaches the maximum junction rating.
Power dissipation within the LT8609S can be estimated
by calculating the total power loss from an efficiency mea-
surement and subtracting the inductor loss. The die tem-
perature is calculated by multiplying the LT8609S power
dissipation by the thermal resistance from junction to
ambient. The LT8609S will stop switching and indicate
a fault condition if safe junction temperature is exceeded.
Temperature rise of the LT8609S is worst when operating
at high load, high VIN, and high switching frequency. If
the case temperature is too high for a given application,
then either VIN, switching frequency or load current can
be decreased to reduce the temperature to an acceptable
level. Figure 5 shows how case temperature rise can be
managed by reducing VIN.
The LT8609S’s internal power switches are capable of
safely delivering up to 3A of peak output current. However,
due to thermal limits, the package can only handle 3A
loads for short periods of time. This time is determined by
how quickly the case temperature approaches the maxi-
mum junction rating. Figure 6 shows an example of how
case temperature rise changes with the duty cycle of a
10Hz pulsed 3A load. Junction temperature will be higher
than case temperature.
APPLICATIONS INFORMATION
Figure 5. Case Temperature Rise vs Load Current
Figure 6. Case Temperature Rise vs 3A Pulsed Load
LOAD CURRENT (A)
0 0.25 0.50 0.75 1 1.25 1.50 1.75 2
0
10
20
30
40
50
60
8609S F05
VIN = 12V
VIN = 24V
VOUT = 5V
fSW = 2MHz
DUTY CYCLE (%)
0 10 20 30 40 50 60 70 80 90 100
0
10
20
30
40
50
60
8609S F06
VIN = 12V
VIN = 24V
STANDBY LOAD = 50mA
PULSED LOAD = 3A
VOUT = 5V
fSW = 2MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com