Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5807C/KD Datasheet(PDF) 19 Page - Microchip Technology

Part # USB5807C/KD
Description  7-Port USB 3.2 Gen 1 SmartHubTM IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5807C/KD Datasheet(HTML) 19 Page - Microchip Technology

Back Button USB5807C/KD Datasheet HTML 15Page - Microchip Technology USB5807C/KD Datasheet HTML 16Page - Microchip Technology USB5807C/KD Datasheet HTML 17Page - Microchip Technology USB5807C/KD Datasheet HTML 18Page - Microchip Technology USB5807C/KD Datasheet HTML 19Page - Microchip Technology USB5807C/KD Datasheet HTML 20Page - Microchip Technology USB5807C/KD Datasheet HTML 21Page - Microchip Technology USB5807C/KD Datasheet HTML 22Page - Microchip Technology USB5807C/KD Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
2019 - 2021 Microchip Technology Inc.
DS00003182B-page 19
USB5807C
3.5
Configuration Straps and Programmable Functions
Configuration straps are multi-function pins that are used during Power-On Reset (POR) or external chip reset
(
RESET_N) to determine the default configuration of a particular feature. The state of the signal is latched following de-
assertion of the reset. Configuration straps are identified by an underlined symbol name. This section details the various
device configuration straps and associated programmable pin functions.
3.5.1
CFG_STRAP CONFIGURATION
The
CFG_STRAP pin is used to place the hub into preset modes of operation. The resistor options are a 200 kΩ pull-
down, 200 kΩ pull-up, 10 kΩ pull-down, 10 kΩ pull-up, 10 Ω pull-down, and 10 Ω pull-up as shown in Table 3-11.
Note:
The system designer must guarantee that configuration straps meet the timing requirements specified in
Section 10.6.2, Power-On and Configuration Strap Timing and Section 10.6.3, Reset and Configuration
Strap Timing. If configuration straps are not at the correct voltage level prior to being latched, the device
may capture incorrect strap values.
TABLE 3-11: CFG_STRAP RESISTOR ENCODING
CFG_STRAP
Resistor Value
Config
Setting
200 kΩ Pull-Down
CONFIG1
Speed Indicator Mode + SMBus Interface Disabled
The SMBus interface will be disabled.
The following programmable pins will be re-purposed as USB Speed Indicator
outputs:
Pin 63:
SPEED_IND1
Pin 61:
SPEED_IND2
Pin 56:
SPEED_IND3
Pin 60:
SPEED_IND4
Pin 50:
SPEED_IND5
Pin 71:
SPEED_IND6
Pin 55:
SPEED_IND7
The
SPEED_INDx pins operate in the following manner:
Tri-state: Not connected
0: USB 2.0 / USB 1.1
1: USB 3.2 Gen 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com