Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5807C/KD Datasheet(PDF) 37 Page - Microchip Technology

Part # USB5807C/KD
Description  7-Port USB 3.2 Gen 1 SmartHubTM IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5807C/KD Datasheet(HTML) 37 Page - Microchip Technology

Back Button USB5807C/KD Datasheet HTML 33Page - Microchip Technology USB5807C/KD Datasheet HTML 34Page - Microchip Technology USB5807C/KD Datasheet HTML 35Page - Microchip Technology USB5807C/KD Datasheet HTML 36Page - Microchip Technology USB5807C/KD Datasheet HTML 37Page - Microchip Technology USB5807C/KD Datasheet HTML 38Page - Microchip Technology USB5807C/KD Datasheet HTML 39Page - Microchip Technology USB5807C/KD Datasheet HTML 40Page - Microchip Technology USB5807C/KD Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
2019 - 2021 Microchip Technology Inc.
DS00003182B-page 37
USB5807C
8.8.2.1
Enabling Port Splitting
In order to enable the Port Splitting feature on downstream ports 5 and/or6, the following configuration settings must be
made.
Enabling Port Splitting on Port 5:
• Write 0x42 to register 0x416E to select
GPIO66 for Option A
• Write 0x05 to register 0x416E to select
GPIO5 for Option B
• Set bit 5 of the
USB3_PORT_SPLIT_EN (0x3C48 = 0x20)
• Set bit 0 of the
PORTSPLITENABLEFLAG (0x4141 = 0x01)
Enabling Port Splitting on Port 6:
• Write 0x06 to register 0x416F to select
GPIO6 for Option A
• Write 0x04 to register 0x416F to select
GPIO4 for Option B
• Set bit 6 of the
USB3_PORT_SPLIT_EN (0x3C48 = 0x40)
• Set bit 0 of the
PORTSPLITENABLEFLAG (0x4141 = 0x01)
TABLE 8-5:
PORT SPLIT PRTPWRX_USB3_SPLIT PIN ASSIGNMENT
GPIOx Pin
Port Split Assignment
GPIO66
PRTPWR5_USB3_SPLIT Option A
GPIO6
PRTPWR6_USB3_SPLIT Option A
GPIO5
PRTPWR5_USB3_SPLIT Option B
GPIO4
PRTPWR6_USB3_SPLIT Option B
TABLE 8-6:
USB 3.0 PORT SPLIT ENABLE REGISTER
USB3_PORT_SPLIT_EN
(0x3C48 - RESET = 0x00)
USB 3.0 Port Split Enable
BIT
Name
R/W
Description
7:1
PORT_SPLIT_EN[7:1]
R/W
0 = Port Splitting on the specified port is disabled
1 = Port Splitting on the specified port is enabled
Bit
[1] - Reserved
[2] - Reserved
[3] - Reserved
[4] - Reserved
[5] - Port 5
[6] - Port 6
[7] - Reserved
0
Reserved
R
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com