Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5807C/KD Datasheet(PDF) 16 Page - Microchip Technology

Part # USB5807C/KD
Description  7-Port USB 3.2 Gen 1 SmartHubTM IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5807C/KD Datasheet(HTML) 16 Page - Microchip Technology

Back Button USB5807C/KD Datasheet HTML 12Page - Microchip Technology USB5807C/KD Datasheet HTML 13Page - Microchip Technology USB5807C/KD Datasheet HTML 14Page - Microchip Technology USB5807C/KD Datasheet HTML 15Page - Microchip Technology USB5807C/KD Datasheet HTML 16Page - Microchip Technology USB5807C/KD Datasheet HTML 17Page - Microchip Technology USB5807C/KD Datasheet HTML 18Page - Microchip Technology USB5807C/KD Datasheet HTML 19Page - Microchip Technology USB5807C/KD Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
USB5807C
DS00003182B-page 16
2019 - 2021 Microchip Technology Inc.
External 25 MHz
Reference Clock
Input
CLKIN
ICLK
External reference clock input.
The device may alternatively be driven by a single-ended
clock oscillator. When this method is used,
XTALO
should be left unconnected.
External 25 MHz
Crystal Output
XTALO
OCLK
External 25 MHz crystal output
Test
TESTEN
I/O12
Test pin.
This signal is used for test purposes and must always be
connected to ground.
TABLE 3-8:
CONFIGURATION STRAP PIN DESCRIPTIONS
Name
Symbol
Buffer
Type
Description
Device Mode
Configuration
Strap
CFG_STRAP
I
Device Mode Configuration Strap.
This configuration strap is used to set the device mode.
Refer to Section 3.5.1, CFG_STRAP Configuration for
details.
See Note 2
Port 7-1 D+
Disable
Configuration
Strap
PRT_DIS_P[7:1]
I
Port 7-1 D+ Disable Configuration Strap.
These configuration straps are used in conjunction with
the corresponding
PRT_DIS_M[7:1] straps to disable the
related port (7-1). Refer to Section Section 3.5.2, Port
Disable Configuration (PRT_DIS_P[7:1] /
PRT_DIS_M[7:1]) for more information.
See Note 2
Port 7-1 D-
Disable
Configuration
Strap
PRT_DIS_M[7:1]
I
Port 7-1 D- Disable Configuration Strap.
These configuration straps are used in conjunction with
the corresponding
PRT_DIS_P[7:1] straps to disable the
related port (7-1). Refer to Section 3.5.2, Port Disable
Configuration (PRT_DIS_P[7:1] / PRT_DIS_M[7:1]) for
more information.
See Note 2
Non-Removable
Ports
Configuration
Strap
CFG_NON_REM
I
Configuration strap to control number of reported non-
removal ports. See Section 3.5.3, Non-Removable Port
Configuration (CFG_NON_REM)
See Note 2
TABLE 3-7:
MISCELLANEOUS PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com