Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5807C/KD Datasheet(PDF) 33 Page - Microchip Technology

Part # USB5807C/KD
Description  7-Port USB 3.2 Gen 1 SmartHubTM IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5807C/KD Datasheet(HTML) 33 Page - Microchip Technology

Back Button USB5807C/KD Datasheet HTML 29Page - Microchip Technology USB5807C/KD Datasheet HTML 30Page - Microchip Technology USB5807C/KD Datasheet HTML 31Page - Microchip Technology USB5807C/KD Datasheet HTML 32Page - Microchip Technology USB5807C/KD Datasheet HTML 33Page - Microchip Technology USB5807C/KD Datasheet HTML 34Page - Microchip Technology USB5807C/KD Datasheet HTML 35Page - Microchip Technology USB5807C/KD Datasheet HTML 36Page - Microchip Technology USB5807C/KD Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
2019 - 2021 Microchip Technology Inc.
DS00003182B-page 33
USB5807C
To maximize compatibility with various port power control topologies, the parameters tocs_single and tocs_double are con-
figurable via the Overcurrent Minimum Pulse Width Register and Overcurrent Inactive Timer Register.
The pin also has a turn-on “lockout” feature where the state of the pin is ignored for a configured amount of time imme-
diately after port power is turned on. This prevents slow ramp times due to parasitic resistance/capacitance attached to
the pin from triggering false overcurrent detections. This parameter is configurable via the Overcurrent Lockout Timer
Register.
FIGURE 8-6:
DOUBLE LOW PULSE OVERCURRENT DETECTION
TABLE 8-2:
OVERCURRENT MINIMUM PULSE WIDTH REGISTER
OCS_MIN_WIDTH
(30EAh)
Overcurrent Detection Pulse Window
BIT
Name
R/W
Description
7:4
Reserved
R
Reserved
3:0
OCS_MIN_WIDTH
R/W
The minimum overcurrent detection pulse width (tocs_single) is config-
ured in this register.
The range can be configured in 1ms increments from 0ms to 5ms.
0000 - 0ms minimum overcurrent detection pulse width
0001 - 1ms minimum overcurrent detection pulse width
0010 - 2ms minimum overcurrent detection pulse width
0011 - 3ms minimum overcurrent detection pulse width
0100 - 4ms minimum overcurrent detection pulse width
0101 - 5ms minimum overcurrent detection pulse width [Default]
TABLE 8-3:
OVERCURRENT INACTIVE TIMER REGISTER
OCS_INACTIVE_TIMER
(30EBh)
Overcurrent Inactive Timer After First Overcurrent Detection
BIT
Name
R/W
Description
7:0
OCS_INACTIVE_TIMER
R/W
This register configures the timer within which a double low pulse trig-
gers an overcurrent detection event (tocs_double).
The timer can be incremented in 1ms steps. The default value is
20ms (14h).
Note:
This register should never be set to 00h.
PRT_CTLx
IS VIL
tocs_double



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com