Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5807C/KD Datasheet(PDF) 51 Page - Microchip Technology

Part # USB5807C/KD
Description  7-Port USB 3.2 Gen 1 SmartHubTM IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5807C/KD Datasheet(HTML) 51 Page - Microchip Technology

Back Button USB5807C/KD Datasheet HTML 47Page - Microchip Technology USB5807C/KD Datasheet HTML 48Page - Microchip Technology USB5807C/KD Datasheet HTML 49Page - Microchip Technology USB5807C/KD Datasheet HTML 50Page - Microchip Technology USB5807C/KD Datasheet HTML 51Page - Microchip Technology USB5807C/KD Datasheet HTML 52Page - Microchip Technology USB5807C/KD Datasheet HTML 53Page - Microchip Technology USB5807C/KD Datasheet HTML 54Page - Microchip Technology USB5807C/KD Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 56 page
background image
2019 - 2021 Microchip Technology Inc.
DS00003182B-page 51
USB5807C
FIGURE 11-3:
100-VQFN PACKAGE (LAND PATTERN)
RECOMMENDED LAND PATTERN
Dimension Limits
Units
C2
Optional Center Pad Width
Contact Pad Spacing
Optional Center Pad Length
Contact Pitch
Y2
X2
8.10
8.10
MILLIMETERS
0.40 BSC
MIN
E
MAX
11.70
Contact Pad Length (X100)
Contact Pad Width (X100)
Y1
X1
1.05
0.20
Microchip Technology Drawing C04-2407A
NOM
SILK SCREEN
1
2
100
C1
C2
E
X1
Y1
G1
Y2
X2
C1
Contact Pad Spacing
11.70
Contact Pad to Center Pad (X100)
G1
0.20
Thermal Via Diameter
V
Thermal Via Pitch
EV
0.33
1.20
ØV
EV
EV
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com