Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5807C/KD Datasheet(PDF) 41 Page - Microchip Technology

Part # USB5807C/KD
Description  7-Port USB 3.2 Gen 1 SmartHubTM IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5807C/KD Datasheet(HTML) 41 Page - Microchip Technology

Back Button USB5807C/KD Datasheet HTML 37Page - Microchip Technology USB5807C/KD Datasheet HTML 38Page - Microchip Technology USB5807C/KD Datasheet HTML 39Page - Microchip Technology USB5807C/KD Datasheet HTML 40Page - Microchip Technology USB5807C/KD Datasheet HTML 41Page - Microchip Technology USB5807C/KD Datasheet HTML 42Page - Microchip Technology USB5807C/KD Datasheet HTML 43Page - Microchip Technology USB5807C/KD Datasheet HTML 44Page - Microchip Technology USB5807C/KD Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
2019 - 2021 Microchip Technology Inc.
DS00003182B-page 41
USB5807C
10.3 Package Thermal Specifications
FIGURE 10-1:
SUPPLY RISE TIME MODEL
Note:
The rise time for the 3.3 V supply can be extended to 100ms max if
RESET_N is actively driven low, typi-
cally by another IC, until 1 µs after all supplies are within operating range.
TABLE 10-1: PACKAGE THERMAL PARAMETERS
Symbol
°C/W
Velocity (Meters/s)
JA
19
0
16
1
JT
0.1
0
0.1
1
JC
1.4
0
1.4
1
Note:
Thermal parameters are measured or estimated for devices in a multi-layer 2S2P PCB per JESDN51. For
industrial applications, the USB5807C requires a multi-layer 2S4P PCB power dissipation.
TABLE 10-2: MAXIMUM POWER DISSIPATION
Parameter
Value
Units
PD(max)
2.3
W
t10%
10%
90%
Voltage
TRT
t90%
Time
100%
3.3 V
VSS
VDD33
90%
100%
1.2 V
VDD12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com