Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5807C/KD Datasheet(PDF) 15 Page - Microchip Technology

Part # USB5807C/KD
Description  7-Port USB 3.2 Gen 1 SmartHubTM IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5807C/KD Datasheet(HTML) 15 Page - Microchip Technology

Back Button USB5807C/KD Datasheet HTML 11Page - Microchip Technology USB5807C/KD Datasheet HTML 12Page - Microchip Technology USB5807C/KD Datasheet HTML 13Page - Microchip Technology USB5807C/KD Datasheet HTML 14Page - Microchip Technology USB5807C/KD Datasheet HTML 15Page - Microchip Technology USB5807C/KD Datasheet HTML 16Page - Microchip Technology USB5807C/KD Datasheet HTML 17Page - Microchip Technology USB5807C/KD Datasheet HTML 18Page - Microchip Technology USB5807C/KD Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
2019 - 2021 Microchip Technology Inc.
DS00003182B-page 15
USB5807C
TABLE 3-7:
MISCELLANEOUS PIN DESCRIPTIONS
Name
Symbol
Buffer
Type
Description
SMBus/I2C
Clock
SMBCLK
I/O12
SMBus/I2C Clock
The SMBus/I2C interface acts as SMBus slave.
For information on how to configure this interface refer to
Section 3.5.1, CFG_STRAP Configuration.
SMBus/I2C Data
SMBDATA
I/O12
SMBus/I2C Data
The SMBus/I2C interface acts as SMBus slave.
For information on how to configure this interface refer to
Section 3.5.1, CFG_STRAP Configuration.
USB Port 7-1
Speed Indicator
SPEED_IND[7:1]
O12
USB Port Speed Indicator
Indicates the connection speed of the respective port.
Tri-state: Not connected
0: USB 2.0 / USB 1.1
1: USB 3.2 Gen 1
USB Port 7-1
Battery Charging
Indicator
BC_IND[7:1]
O12
USB Battery Charging Indicator
Indicates the connection speed of the respective port.
Tri-state: Battery Charging not enabled
0: Battery Charging enabled and successful BC hand-
shake has occurred.
1: Battery Charging enabled, but no BC handshake has
occurred.
General
Purpose I/O
GPIO[1:9],
GPIO12,
GPIO[17:23],
GPIO[64:71]
I/O12
(PU/
PD)
General Purpose Inputs/Outputs
Refer to Section 3.5.5, General Purpose input/Output
Configuration (GPIOx) for details.
USB 2.0
Suspend State
Indicator
SUSP_IND
O12
USB 2.0 Suspend State Indicator
SUSP_IND can be used as a sideband remote wakeup
signal for the host when in USB 2.0 suspend.
Reset Control
Input
RESET_N
IS
Reset Control Input
This pin places the hub into Reset Mode when pulled low.
Bias Resistor
RBIAS
I-R
A 12.0 k
Ω (+/- 1%) resistor is attached from ground to
this pin to set the transceiver’s internal bias settings.
Place the resistor as close to the device as possible with
a dedicated, low impedance connection to the GND
plane.
External 25 MHz
Crystal Input
XTALI
ICLK
External 25 MHz crystal input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com