Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5807C/KD Datasheet(PDF) 46 Page - Microchip Technology

Part # USB5807C/KD
Description  7-Port USB 3.2 Gen 1 SmartHubTM IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5807C/KD Datasheet(HTML) 46 Page - Microchip Technology

Back Button USB5807C/KD Datasheet HTML 42Page - Microchip Technology USB5807C/KD Datasheet HTML 43Page - Microchip Technology USB5807C/KD Datasheet HTML 44Page - Microchip Technology USB5807C/KD Datasheet HTML 45Page - Microchip Technology USB5807C/KD Datasheet HTML 46Page - Microchip Technology USB5807C/KD Datasheet HTML 47Page - Microchip Technology USB5807C/KD Datasheet HTML 48Page - Microchip Technology USB5807C/KD Datasheet HTML 49Page - Microchip Technology USB5807C/KD Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
USB5807C
DS00003182B-page 46
2019 - 2021 Microchip Technology Inc.
10.7 Clock Specifications
The device can accept either a 25MHz crystal or a 25MHz single-ended clock oscillator (±50ppm) input. If the single-
ended clock oscillator method is implemented,
XTALO should be left unconnected and XTALI/CLKIN should be driven
with a nominal 0-3.3V clock signal. The input clock duty cycle is 40% minimum, 50% typical and 60% maximum.
It is recommended that a crystal utilizing matching parallel load capacitors be used for the crystal input/output signals
(
XTALI/XTALO). The following circuit design (Figure 10-6) and specifications (Table 10-10) are required to ensure
proper operation.
10.7.1
CRYSTAL SPECIFICATIONS
It is recommended that a crystal utilizing matching parallel load capacitors be used for the crystal input/output signals
(
XTALI/XTALO). Refer to Table 10-10 for the recommended crystal specifications.
tceh
Chip enable (
SPI_CE_EN) high time
50
ns
tclq
Clock to input data
9
ns
tdh
Input data hold time
0
ns
tos
Output setup time
5
ns
toh
Output hold time
5
ns
tov
Clock to output valid
4
ns
tcel
Chip enable (
SPI_CE_EN) low to first clock
12
ns
tceh
Last clock to chip enable (
SPI_CE_EN) high
12
ns
FIGURE 10-6:
25MHZ CRYSTAL CIRCUIT
TABLE 10-10: CRYSTAL SPECIFICATIONS
PARAMETER
SYMBOL
MIN
NOM
MAX
UNITS
NOTES
Crystal Cut
AT, typ
Crystal Oscillation Mode
Fundamental Mode
Crystal Calibration Mode
Parallel Resonant Mode
Frequency
Ffund
-
25.000
-
MHz
Frequency Tolerance @ 25oC
Ftol
-
-
±50
PPM
Frequency Stability Over Temp
Ftemp
-
-
±50
PPM
Frequency Deviation Over Time
Fage
-
±3 to 5
-
PPM
Note 6
Total Allowable PPM Budget
-
-
±100
PPM
Note 7
Shunt Capacitance
CO
-
7 typ
-
pF
TABLE 10-9: SPI TIMING (60 MHZ OPERATION)
Symbol
Description
Min
Typ
Max
Units
XTALO
XTALI
Y1
C1
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com