Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8955BLGECO/V Datasheet(PDF) 35 Page - Wolfson Microelectronics plc

Part # WM8955BLGECO/V
Description  Stereo DAC For Portable Audio Applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8955BLGECO/V Datasheet(HTML) 35 Page - Wolfson Microelectronics plc

Back Button WM8955BLGECO/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 39Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
Production Data
WM8955BL
w
PD Rev 4.1 February 2007
35
POWER MANAGEMENT
The WM8955BL has two control registers that allow users to select which functions are active. For
minimum power consumption, unused functions should be disabled. To avoid any pop or click noise,
it is important to enable or disable functions in the correct order (see Applications Information)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8:7
VMIDSEL
00
VMID resistor divider select
00 – VMID disabled
01 – 50k
Ω divider enabled
10 – 500k
Ω divider enabled
11 – 5k
Ω divider enabled (for fast start-up)
R25 (19h)
Power
Manageme
nt (1)
6
VREF
0
VREF (necessary for all other functions)
8
DACL
0
DAC Left Enable
0=off
1=on
7
DACR
0
DAC Right Enable
0=off
1=on
6
LOUT1
0
LOUT1 Output Buffer* Enable
0=off
1=on
5
ROUT1
0
ROUT1 Output Buffer* Enable
0=off
1=on
4
LOUT2
0
LOUT2 Output Buffer* Enable
0=off
1=on
3
ROUT2
0
ROUT2 Output Buffer* Enable
0=off
1=on
2
MOUT
0
MONOOUT Output Buffer and Mono Mixer
Enable
0=off
1=on
R26 (1Ah)
Power
Manageme
nt (2)
1
OUT3
0
OUT3 Output Buffer Enable
0=off
1=on
Note:
* The left mixer is enabled when LOUT1=1 or LOUT2=1. The right mixer is enabled when
ROUT1=1 or ROUT2=1.
Table 26 Power Management



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com