Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8955BLGECO/V Datasheet(PDF) 28 Page - Wolfson Microelectronics plc

Part # WM8955BLGECO/V
Description  Stereo DAC For Portable Audio Applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8955BLGECO/V Datasheet(HTML) 28 Page - Wolfson Microelectronics plc

Back Button WM8955BLGECO/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 32Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
WM8955BL
Production Data
w
PD Rev 4.1 February 2007
28
Figure 16 DSP Mode Audio Interface (Mode B; LRP = 1)
AUDIO INTERFACE CONTROL
The register bits controlling audio format, word length and master / slave mode are summarised
below.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
1:0
FORMAT
10
Audio Data Format Select
11 = DSP Mode
10 = I
2S Format
01 = Left justified
00 = Right justified
3:2
WL
10
Audio Data Word Length
11 = 32 bits (see Note)
10 = 24 bits
01 = 20 bits
00 = 16 bits
4
LRP
0
I
2S, LJ, RJ Formats
1: Invert LRCLK
polarity
0: Normal LRCLK
polarity
DSP Format
1: MSB available on
1
st BCLK rising edge
after LRC rising
edge
0: MSB available on
2
nd BCLK rising
edge after LRC
rising edge
5
LRSWAP
0
Swap Left and Right Channels
0: No swap (L to L, R to R)
1: Swap (L to R, R to L)
6
MS
0
Master / Slave Mode Control
1: Master Mode
0: Slave Mode
R7 (07h)
Digital Audio
Interface
Format
7
BCLKINV
0
BCLK Invert
1: BCLK inverted
0: BCLK not inverted
Table 18 Audio Data Format Control
Note:
Right Justified mode does not support 32-bit data. If WL=11 in Right justified mode, the actual word
length will be 24 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com