Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8955BLGECO/V Datasheet(PDF) 42 Page - Wolfson Microelectronics plc

Part # WM8955BLGECO/V
Description  Stereo DAC For Portable Audio Applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8955BLGECO/V Datasheet(HTML) 42 Page - Wolfson Microelectronics plc

Back Button WM8955BLGECO/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 44Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
WM8955BL
Production Data
w
PD Rev 4.1 February 2007
42
HEADPHONE OUTPUT CONFIGURATION
The analogue outputs LOUT1/ROUT1, LOUT2/ROUT2, and OUT3 can drive a 16
Ω or 32Ω
headphone load, either through DC blocking capacitors, or DC coupled without any capacitor.
Headphone Output using DC blocking capacitors
DC Coupled Headphone Output
(OUT3SW = 00)
Figure 30 Recommended Headphone Output Configurations
When DC blocking capacitors are used, then their capacitance and the load resistance together
determine the lower cut-off frequency, fc. Increasing the capacitance lowers fc, improving the bass
response. Smaller capacitance values will diminish the bass response. Assuming a 16
Ω load and C1
= 220
μF:
fc = 1 / 2π RLC1 = 1 / (2π x 16Ω x 220μF) = 45 Hz
In the DC coupled configuration, the headphone “ground” is connected to the OUT3 pin, which must
be enabled by setting OUT3 = 1 and OUT3SW = 00. As the OUT3 pin produces a DC voltage of
AVDD/2 (=VREF), there is no DC offset between LOUT1/ROUT1 and OUT3, and therefore no DC
blocking capacitors are required. This saves space and material cost in portable applications.
It is recommended to connect the DC coupled headphone outputs only to headphones, and not to the
line input of another device. Although the built-in short circuit protection will prevent any damage to
the headphone outputs, such a connection may be noisy, and may not function properly if the other
device is grounded.
EARPIECE OUTPUT CONFIGURATION
LOUT2 and ROUT2 can differentially drive a mono 32
Ω earpiece as shown below.
Figure 31 Earpiece Output Connection
The right channel is inverted by setting the ROUT2INV bit, so that the signal across the earpiece is
the sum of left and right channels.
LOUT2
ROUT2
WM8955BL
ROUT2INV = 1
V
OUT
= L-(-R) = L+R
-1
LEFT
MIXER
RIGHT
MIXER
ROUT2VOL
LOUT2VOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com