Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8955BLGECO/V Datasheet(PDF) 32 Page - Wolfson Microelectronics plc

Part # WM8955BLGECO/V
Description  Stereo DAC For Portable Audio Applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8955BLGECO/V Datasheet(HTML) 32 Page - Wolfson Microelectronics plc

Back Button WM8955BLGECO/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 36Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
WM8955BL
Production Data
w
PD Rev 4.1 February 2007
32
MCLK
MCLKDIV2=0
MCLK
MCLKDIV2=1
DAC SAMPLE RATE
USB
SR [4:0]
FILTER
TYPE
BCLK
(MS=1)
‘Normal’ Clock Mode (‘*’ indicates backward compatibility with WM8711 and WM8721)
8 kHz (MCLK/1536)
0
00010 *
1
MCLK/4
12 kHz (MCLK/1024)
0
01000
1
MCLK/4
16 kHz (MCLK/768)
0
01010
1
MCLK/4
24 kHz (MCLK/512)
0
11100
1
MCLK/4
32 kHz (MCLK/384)
0
01100 *
1
MCLK/4
48 kHz (MCLK/256)
0
00000 *
1
MCLK/4
12.288MHz
24.576MHz
96 kHz (MCLK/128)
0
01110 *
3
MCLK/2
8.0182 kHz (MCLK/1408)
0
10010
1
MCLK/4
11.025 kHz (MCLK/1024)
0
11000
1
MCLK/4
22.05 kHz (MCLK/512)
0
11010
1
MCLK/4
44.1 kHz (MCLK/256)
0
10000 *
1
MCLK/4
11.2896MHz
22.5792MHz
88.2 kHz (MCLK/128)
0
11110 *
3
MCLK/2
8 kHz (MCLK/2304)
0
00011 *
1
MCLK/6
12 kHz (MCLK/1536)
0
01001
1
MCLK/6
16 kHz (MCLK/1152)
0
01011
1
MCLK/6
24 kHz (MCLK/768)
0
11101
1
MCLK/6
32 kHz (MCLK/576)
0
01101 *
1
MCLK/6
48 kHz (MCLK/384)
0
00001 *
1
MCLK/6
18.432MHz
36.864MHz
96 kHz (MCLK/192)
0
01111 *
3
MCLK/3
8.0182 kHz (MCLK/2112)
0
10011 *
1
MCLK/6
11.025 kHz (MCLK/1536)
0
11001
1
MCLK/6
22.05 kHz (MCLK/768)
0
11011
1
MCLK/6
44.1 kHz (MCLK/384)
0
10001 *
1
MCLK/6
16.9344MHz
33.8688MHz
88.2 kHz (MCLK/192)
0
11111 *
3
MCLK/3
USB Mode (assumes BCLKDIV2=0. ‘*’ indicates backward compatibility with WM8711 and WM8721)
8 kHz (MCLK/1500)
1
00010 *
0
MCLK
11.0259 kHz (MCLK/1088)
1
11001
1
MCLK
12kHz (MCLK/1000)
1
01000
0
MCLK
16kHz (MCLK/750)
1
01010
0
MCLK
22.0588 kHz (MCLK/544)
1
11011
1
MCLK
24kHz (MCLK/500)
1
11100
0
MCLK
32 kHz (MCLK/375)
1
01100 *
0
MCLK
44.118 kHz (MCLK/272)
1
10001 *
1
MCLK
48 kHz (MCLK/250)
1
00000 *
0
MCLK
88.235kHz (MCLK/136)
1
11111 *
3
MCLK
12.000MHz
24.000MHz
96 kHz (MCLK/125)
1
01110 *
2
MCLK
Table 23 Master Clock and Sample Rates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com