Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8955BLGECO/V Datasheet(PDF) 38 Page - Wolfson Microelectronics plc

Part # WM8955BLGECO/V
Description  Stereo DAC For Portable Audio Applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8955BLGECO/V Datasheet(HTML) 38 Page - Wolfson Microelectronics plc

Back Button WM8955BLGECO/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 42Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
WM8955BL
Production Data
w
PD Rev 4.1 February 2007
38
DIGITAL FILTER CHARACTERISTICS
Depending on the MCLK frequency and sample rate selected, 4 different types of digital filter can be
used in the DAC, called Type 0, 1, 2 and 3 (see “Master Clock and Audio Sample Rates”). The
performance of Types 0 and 1 is listed in the table below, the responses of all filters is shown in the
following pages.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DAC Filter Type 0 (USB mode, 250fs operation)
+/- 0.03dB
0
0.416fs
Passband
-6dB
0.5fs
Passband Ripple
+/-0.03
dB
Stopband
0.584fs
Stopband Attenuation
f > 0.584fs
-50
dB
DAC Filter Type 1 (USB mode, 272fs or Normal mode operation)
+/- 0.03dB
0
0.4535fs
Passband
-6dB
0.5fs
Passband Ripple
+/- 0.03
dB
Stopband
0.5465fs
Stopband Attenuation
f > 0.5465fs
-50
dB
Table 30 Digital Filter Characteristics
MODE
GROUP DELAY
0 (250 USB)
11/FS
1 (256/272)
16/FS
2 (250 USB, 96k mode)
4/FS
3 (256/272, 88.2/96k mode)
3/FS
Table 31 DAC Filters
TERMINOLOGY
Stop Band Attenuation (dB) – the degree to which the frequency spectrum is attenuated (outside audio band)
Pass-band Ripple – any variation of the frequency response in the pass-band region
DAC FILTER RESPONSES
-100
-80
-60
-40
-20
0
0
0.5
1
1.5
2
2.5
3
Frequency (Fs)
-0.06
-0.05
-0.04
-0.03
-0.02
-0.01
0
0.01
0.02
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
Frequency (Fs)
Figure 20 DAC Filter Frequency Response – Type 0
Figure 21 DAC Filter Ripple – Type 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com