Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8955BLGECO/V Datasheet(PDF) 41 Page - Wolfson Microelectronics plc

Part # WM8955BLGECO/V
Description  Stereo DAC For Portable Audio Applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8955BLGECO/V Datasheet(HTML) 41 Page - Wolfson Microelectronics plc

Back Button WM8955BLGECO/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 44Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
Production Data
WM8955BL
w
PD Rev 4.1 February 2007
41
MINIMISING POP NOISE AT THE ANALOGUE OUTPUTS
To minimise any pop or click noise when the system is powered up or down, the following procedures
are recommended.
POWER UP
•
Switch on power supplies. By default the WM8955BL is in OFF Mode (i.e. only the control
interface is powered up)
•
Enable the reference voltage VREF by setting the WM8955BL to Standby mode. DO NOT
enable any of the analogue outputs at this point.
•
Allow VREF to settle. The settling time depends on the value of the capacitor connected at
VMID, and the size of the resistors selected using VMIDSEL (
τ = RC).
•
Enable DACs, etc. as required.
•
Enable outputs required.
•
Set DACMU = 0 to soft-un-mute the audio DACs.
POWER DOWN
•
Set DACMU = 1 to soft-mute the audio DACs.
•
Disable outputs.
•
Switch off the power supplies.
LINE OUTPUT CONFIGURATION
All the analogue outputs, LOUT1/ROUT1, LOUT2/ROUT2, and MONOOUT, can be used as line
outputs. Recommended external components are shown below.
AGND
AGND
LINE-OUT SOCKET
(LEFT)
C1
1uF
R1
100 Ohm
LOUT2
ROUT2
WM8955BL
R2
100 Ohm
LINE-OUT SOCKET
(RIGHT)
C2
1uF
Figure 29 Recommended Circuit for Line Output
The DC blocking capacitors and the load resistance together determine the lower cut-off frequency, fc.
Assuming a 10 k
Ω load and C1, C2 = 1μF:
fc = 1 / 2π (RL+R1) C1 = 1 / (2π x 10.1kΩ x 1μF) = 16 Hz
Increasing the capacitance lowers fc, improving the bass response. Smaller values of C1 and C2 will
diminish the bass response. The function of R1 and R2 is to protect the line outputs from damage
when used improperly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com