Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8955BLGECO/V Datasheet(PDF) 16 Page - Wolfson Microelectronics plc

Part # WM8955BLGECO/V
Description  Stereo DAC For Portable Audio Applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8955BLGECO/V Datasheet(HTML) 16 Page - Wolfson Microelectronics plc

Back Button WM8955BLGECO/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 20Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
WM8955BL
Production Data
w
PD Rev 4.1 February 2007
16
DEVICE DESCRIPTION
INTRODUCTION
The WM8955BL is a low power audio DAC offering a combination of high quality audio, advanced
features, low power and small size. These characteristics make it ideal for portable digital audio
applications such as portable music players and smartphones.
The device has a configurable digital audio interface where digital audio data is fed to the internal
digital filters and then the DAC. The interface supports a number of audio data formats including I
2S,
DSP Mode (a burst mode in which frame sync plus 2 data packed words are transmitted), Left
Justified and Right Justified formats, and can operate in master or slave modes.
The on-chip digital filters perform tone control and digital volume control according to the user setting,
and convert the audio data into oversampled bitstreams, which are passed to the left and right
channel DACs. A multi-bit, low-order
ΣΔ DAC architecture with dynamic element matching is used,
delivering optimum performance with low power consumption.
The DAC output signal enters an analogue mixer where analogue input signals can be added to it.
The WM8955BL has a total of six analogue output pins, which can be configured as stereo line-outs,
mono line-outs, differential mono line-outs, stereo headphone outputs or differential mono (BTL)
earpiece outputs.
The WM8955BL includes an on-chip PLL to generate commonly used audio rates, such as 48kHz
and 44.1kHz, from system clocks found in GSM, CDMA and PDC phones and other portable
systems.
To allow full software control over all its features, the WM8955BL offers a choice of 2 or 3 wire MPU
control interface. It is fully compatible and an ideal partner for a wide range of industry standard
microprocessors, controllers and DSPs.
The design of the WM8955BL has given much attention to power consumption without compromising
performance. It operates at very low voltages, and includes the ability to power off parts of the
circuitry under software control, including standby and power off modes.
SIGNAL PATH
The WM8955BL signal paths consists of digital filters, DACs, analogue mixers and output drivers.
Each circuit block can be enabled or disabled separately using the control bits in register 26 (see
“Power Management”). Thus it is possible to utilise the analogue mixing and amplification provided by
the WM8955BL, irrespective of whether the DACs are running or not.
The WM8955BL receives digital input data on the DACDAT pin. The digital filter block processes the
data to provide the following functions:
•
Digital volume control
•
Tone control and Bass Boost
•
Digital Mono Mix
•
Sigma-Delta Modulation
Two high performance, sigma-delta audio DACs convert the digital data into two analogue signals
(left and right). These can then be mixed with analogue signals from the LINEINL, LINEINR and
MONOIN pins, and the mix is fed to the output drivers, LOUT1/ROUT1, LOUT2/ROUT2, MONOOUT
and OUT3.
•
LOUT1/ROUT1: can drive 16
Ω or 32Ω stereo headphones or stereo line output.
•
LOUT2/ROUT2: can drive a 32
Ω earpiece, stereo headphones or a stereo line-out.
•
MONOOUT: line output designed to drive a 10k
Ω load.
•
OUT3: multi-function output, may be used for capacitor-less headphone drive, differential
mono-out, line-out or 32
Ω earpiece driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com