Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8955BLGECO/V Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

Part # WM8955BLGECO/V
Description  Stereo DAC For Portable Audio Applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8955BLGECO/V Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM8955BLGECO/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8955BLGECO/V Datasheet HTML 19Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
Production Data
WM8955BL
w
PD Rev 4.1 February 2007
15
INTERNAL POWER ON RESET CIRCUIT
VDD
T1
GND
AVDD
DCVDD
DGND
Internal PORB
Power on Reset
Circuit
Figure 6 Internal Power on Reset Circuit Schematic
The WM8955BL includes an internal Power-On-Reset Circuit, as shown in Figure 6, which is used to
reset the digital logic into a default state after power up. The power on reset circuit is powered from
DCVDD and monitors DCVDD and AVDD. It asserts PORB low if DCVDD or AVDD are below a
minimum threshold.
Figure 7 Typical Power-Up Sequence
Figure 7 shows a typical power-up sequence. When DCVDD and AVDD rise above the minimum
thresholds, Vpord_dcvdd and Vpord_avdd, there is enough voltage for the circuit to guarantee the
Power on Reset is asserted low and the chip is held in reset. In this condition, all writes to the control
interface are ignored. When DCVDD rises to Vpor_dcvdd_on and AVDD rises to Vpor_avdd_on,
PORB is released high and all registers are in their default state and writes to the control interface
may take place. If DCVDD and AVDD rise at different rates then PORB will only be released when
DCVDD and AVDD have both exceeded the Vpor_dcvdd_on and Vpor_avdd_on thresholds.
On power down, PORB is asserted low whenever DCVDD drops below the minimum threshold
Vpor_dcvdd_off or AVDD drops below the minimum threshold Vpor_avdd_off.
SYMBOL
MIN
TYP
MAX
UNIT
Vpord_dcvdd
0.4
0.6
0.8
V
Vpor_dcvdd_on
0.9
1.26
1.6
V
Vpor_avdd_on
0.5
0.7
0.9
V
Vpor_avdd_off
0.4
0.6
0.8
V
Table 2 Typical POR Operation (typical values, not tested)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com