Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5130A-RDTUM Datasheet(PDF) 72 Page - ATMEL Corporation

Part # AT89C5130A-RDTUM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5130A-RDTUM Datasheet(HTML) 72 Page - ATMEL Corporation

Back Button AT89C5130A-RDTUM Datasheet HTML 68Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 69Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 70Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 71Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 72Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 73Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 74Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 75Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 76Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 186 page
background image
72
AT89C5130A/31A-M
4337G–USB–11/06
Table 56.
SCON Register – SCON Serial Control Register (98h)
Reset Value = 0000 0000b
Bit addressable
7654
3210
FE/SM0
SM1
SM2
REN
TB8
RB8
TI
RI
Bit
Number
Bit
Mnemonic
Description
7
FE
Framing Error bit (SMOD0 = 1
)
Clear to reset the error state, not cleared by a valid stop bit.
Set by hardware when an invalid stop bit is detected.
SMOD0 must be set to enable access to the FE bit
SM0
Serial port Mode bit 0
Refer to SM1 for serial port mode selection.
SMOD0 must be cleared to enable access to the SM0 bit
6SM1
Serial port Mode bit 1
SM0
SM1
Mode
Description
Baud Rate
0
0
0
Shift Register FCPU PERIPH/6
0
1
1
8-bit UART
Variable
1
0
2
9-bit UART
FCPU PERIPH/32 or/16
1
1
3
9-bit UART
Variable
5SM2
Serial port Mode 2 bit/Multiprocessor Communication Enable bit
Clear to disable multiprocessor communication feature.
Set to enable multiprocessor communication feature in mode 2 and 3, and
eventually mode 1. This bit should be cleared in mode 0.
4REN
Reception Enable bit
Clear to disable serial reception.
Set to enable serial reception.
3TB8
Transmitter Bit 8/Ninth bit to Transmit in Modes 2 and 3
Clear to transmit a logic 0 in the 9th bit.
Set to transmit a logic 1 in the 9th bit.
2RB8
Receiver Bit 8/Ninth bit received in modes 2 and 3
Cleared by hardware if 9th bit received is a logic 0.
Set by hardware if 9th bit received is a logic 1.
In mode 1, if SM2 = 0, RB8 is the received stop bit. In mode 0 RB8 is not used.
1TI
Transmit Interrupt flag
Clear to acknowledge interrupt.
Set by hardware at the end of the 8th bit time in mode 0 or at the beginning of the
stop bit in the other modes.
0RI
Receive Interrupt flag
Clear to acknowledge interrupt.
Set by hardware at the end of the 8th bit time in mode 0, see Figure 35. and
Figure 36. in the other modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com