Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5130A-RDTUM Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AT89C5130A-RDTUM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5130A-RDTUM Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT89C5130A-RDTUM Datasheet HTML 14Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 15Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 16Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 17Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 18Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 19Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 20Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 21Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 186 page
background image
18
AT89C5130A/31A-M
4337G–USB–11/06
Table 15.
CKCON1 (S:AFh)
Clock Control Register 1
Reset Value = 0000 0000b
Table 16.
PLLCON (S:A3h)
PLL Control Register
Reset Value = 0000 0000b
Table 17.
PLLDIV (S:A4h)
PLL Divider Register
Reset Value = 0000 0000
765
43210
-------
SPIX2
Bit Number
Bit
Mnemonic Description
7-1
-
Reserved
The value read from this bit is always 0. Do not set this bit.
0
SPIX2
SPI Clock
This control bit is validated when the CPU clock X2 is set. When X2 is low,
this bit has no effect.
Clear to select 6 clock periods per peripheral clock cycle.
Set to select 12 clock periods per peripheral clock cycle.
765
43210
-----
EXT48
PLLEN
PLOCK
Bit Number
Bit
Mnemonic Description
7-3
-
Reserved
The value read from this bit is always 0. Do not set this bit.
2EXT48
External 48 MHz Enable Bit
Set this bit to bypass the PLL and disable the crystal oscillator.
Clear this bit to select the PLL output as USB clock and to enable the crystal
oscillator.
1
PLLEN
PLL Enable Bit
Set to enable the PLL.
Clear to disable the PLL.
0PLOCK
PLL Lock Indicator
Set by hardware when PLL is locked.
Clear by hardware when PLL is unlocked.
765
43210
R3
R2
R1
R0
N3
N2
N1
N0
Bit Number
Bit
Mnemonic Description
7-4
R3:0
PLL R Divider Bits
3-0
N3:0
PLL N Divider Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com