Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5130A-RDTUM Datasheet(PDF) 85 Page - ATMEL Corporation

Part # AT89C5130A-RDTUM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5130A-RDTUM Datasheet(HTML) 85 Page - ATMEL Corporation

Back Button AT89C5130A-RDTUM Datasheet HTML 81Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 82Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 83Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 84Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 85Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 86Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 87Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 88Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 89Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 186 page
background image
85
AT89C5130A/31A-M
4337G–USB–11/06
Interrupt Sources and
Vector Addresses
Table 67.
Vector Table
Number
Polling
Priority
Interrupt
Source
Interrupt
Request
Vector
Address
0
0
Reset
0000h
1
1
INT0
IE0
0003h
2
2
Timer 0
TF0
000Bh
3
3
INT1
IE1
0013h
4
4
Timer 1
IF1
001Bh
5
6
UART
RI+TI
0023h
6
7
Timer 2
TF2+EXF2
002Bh
7
5
PCA
CF + CCFn (n = 0-4)
0033h
8
8
Keyboard
KBDIT
003Bh
9
9
TWI
TWIIT
0043h
10
10
SPI
SPIIT
004Bh
11
11
0053h
12
12
005Bh
13
13
0063h
14
14
USB
UEPINT + USBINT
006Bh
15
15
0073h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com