Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5130A-RDTUM Datasheet(PDF) 25 Page - ATMEL Corporation

Part # AT89C5130A-RDTUM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5130A-RDTUM Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button AT89C5130A-RDTUM Datasheet HTML 21Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 22Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 23Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 24Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 25Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 26Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 27Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 28Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 186 page
background image
25
AT89C5130A/31A-M
4337G–USB–11/06
UEPIEN
C2h
USB Endpoint Interrupt
Enable
-
EP6INTE
EP5INTE
EP4INTE
EP3INTE
EP2INTE
EP1INTE
EP0INTE
UEPDATX
CFh
USB Endpoint X FIFO Data
FDAT7
FDAT6
FDAT5
FDAT4
FDAT3
FDAT2
FDAT1
FDAT0
UBYCTLX
E2h
USB Byte Counter Low (EP
X)
BYCT7
BYCT6
BYCT5
BYCT4
BYCT3
BYCT2
BYCT1
BYCT0
UBYCTHX
E3h
USB Byte Counter High
(EP X)
----
-
BYCT10
BYCT9
BYCT8
UFNUML
BAh
USB Frame Number Low
FNUM7
FNUM6
FNUM5
FNUM4
FNUM3
FNUM2
FNUM1
FNUM0
UFNUMH
BBh
USB Frame Number High
-
-
CRCOK
CRCERR
-
FNUM10
FNUM9
FNUM8
Table 30.
USB SFR’s
Mnemonic
Add
Name
765
43210
Table 31.
Other SFR’s
Mnemonic
Add
Name
7
65
43210
PCON
87h
Power Control
SMOD1
SMOD0
-
POF
GF1
GF0
PD
IDL
AUXR
8Eh
Auxiliary Register 0
DPU
-
M0
-
XRS1
XRS2
EXTRAM
A0
AUXR1
A2h
Auxiliary Register 1
-
-
ENBOOT
-
GF3
-
-
DPS
CKCON0
8Fh
Clock Control 0
TWIX2
WDX2
PCAX2
SIX2
T2X2
T1X2
T0X2
X2
CKCON1
AFh
Clock Control 1
---
----
SPIX2
LEDCON
F1h
LED Control
LED3
LED2
LED1
LED0
FCON
D1h
Flash Control
FPL3
FPL2
FPL1
FPL0
FPS
FMOD1
FMOD0
FBUSY
EECON
D2h
EEPROM Contol
EEPL3
EEPL2
EEPL1
EEPL0
-
-
EEE
EEBUSY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com