Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5130A-RDTUM Datasheet(PDF) 76 Page - ATMEL Corporation

Part # AT89C5130A-RDTUM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5130A-RDTUM Datasheet(HTML) 76 Page - ATMEL Corporation

Back Button AT89C5130A-RDTUM Datasheet HTML 72Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 73Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 74Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 75Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 76Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 77Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 78Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 79Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 80Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 186 page
background image
76
AT89C5130A/31A-M
4337G–USB–11/06
Table 59.
BDRCON Register
BDRCON - Baud Rate Control Register (9Bh)
Reset Value = XXX0 0000b
Not bit addressable
7
6
5
4
3
2
1
0
-
-
-
BRR
TBCK
RBCK
SPD
SRC
Bit
Number
Bit
Mnemonic
Description
7-
Reserved
The value read from this bit is indeterminate. Do not set this bit
6-
Reserved
The value read from this bit is indeterminate. Do not set this bit
5-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
4BRR
Baud Rate Run Control bit
Cleared to stop the internal Baud Rate Generator.
Set to start the internal Baud Rate Generator.
3TBCK
Transmission Baud rate Generator Selection bit for UART
Cleared to select Timer 1 or Timer 2 for the Baud Rate Generator.
Set to select internal Baud Rate Generator.
2RBCK
Reception Baud Rate Generator Selection bit for UART
Cleared to select Timer 1 or Timer 2 for the Baud Rate Generator.
Set to select internal Baud Rate Generator.
1SPD
Baud Rate Speed Control bit for UART
Cleared to select the SLOW Baud Rate Generator.
Set to select the FAST Baud Rate Generator.
0SRC
Baud Rate Source select bit in Mode 0 for UART
Cleared to select FOSC/12 as the Baud Rate Generator (FCLK PERIPH/6 in X2
mode).
Set to select the internal Baud Rate Generator for UARTs in mode 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com