Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5130A-RDTUM Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT89C5130A-RDTUM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5130A-RDTUM Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT89C5130A-RDTUM Datasheet HTML 8Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 9Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 10Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 11Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 12Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 13Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 14Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 15Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 186 page
background image
12
AT89C5130A/31A-M
4337G–USB–11/06
Typical Application
Recommended External components
All the external components described in the figure below must be implemented as
close as possible from the microcontroller package.
The following figure represents the typical wiring schematic.
Figure 4.
Typical Application
VSS
XTAL1
XTAL2
Q
22pF
22pF
VSS
PLLF
100R
10nF
2.2nF
VSS
VSS
D-
UCAP
1μF
VSS
D+
27R
27R
VRef
1.5K
USB
D+
D-
VBUS
GND
VSS
VDD
VDD
4.7μF
VSS
100nF
VSS
100nF
VSS
UVSS
AT89C5130A/31A-M
+20%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com