Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5130A-RDTUM Datasheet(PDF) 16 Page - ATMEL Corporation

Part # AT89C5130A-RDTUM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5130A-RDTUM Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button AT89C5130A-RDTUM Datasheet HTML 12Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 13Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 14Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 15Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 16Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 17Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 18Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 19Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 186 page
background image
16
AT89C5130A/31A-M
4337G–USB–11/06
PLL Programming
The PLL is programmed using the flow shown in Figure 11. As soon as clock generation
is enabled user must wait until the lock indicator is set to ensure the clock output is
stable.
Figure 11.
PLL Programming Flow
Divider Values
To generate a 48 MHz clock using the PLL, the divider values have to be configured fol-
lowing the oscillator frequency. The typical divider values are shown in Table 13.
Table 13.
Typical Divider Values
PLL
Programming
Configure Dividers
N3:0 = xxxxb
R3:0 = xxxxb
Enable PLL
PLLEN = 1
PLL Locked?
LOCK = 1?
Oscillator Frequency
R+1
N+1
PLLDIV
3 MHz
16
1
F0h
6 MHz
8
1
70h
8 MHz
6
1
50h
12 MHz
4
1
30h
16 MHz
3
1
20h
18 MHz
8
3
72h
20 MHz
12
5
B4h
24 MHz
2
1
10h
32 MHz
3
2
21h
40 MHz
12
10
B9h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com