Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5130A-RDTUM Datasheet(PDF) 42 Page - ATMEL Corporation

Part # AT89C5130A-RDTUM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5130A-RDTUM Datasheet(HTML) 42 Page - ATMEL Corporation

Back Button AT89C5130A-RDTUM Datasheet HTML 38Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 39Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 40Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 41Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 42Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 43Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 44Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 45Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 46Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 186 page
background image
42
AT89C5130A/31A-M
4337G–USB–11/06
EEPROM Data Memory
Description
The 1-Kbyte on-chip EEPROM memory block is located at addresses 0000h to 03FFh of
the ERAM memory space and is selected by setting control bits in the EECON register.
A read in the EEPROM memory is done with a MOVX instruction.
A physical write in the EEPROM memory is done in two steps: write data in the column
latches and transfer of all data latches into an EEPROM memory row (programming).
The number of data written on the page may vary from 1 to 128 bytes (the page size).
When programming, only the data written in the column latch is programmed and a ninth
bit is used to obtain this feature. This provides the capability to program the whole mem-
ory by bytes, by page or by a number of bytes in a page. Indeed, each ninth bit is set
when the writing the corresponding byte in a row and all these ninth bits are reset after
the writing of the complete EEPROM row.
Write Data in the Column
Latches
Data is written by byte to the column latches as for an external RAM memory. Out of the
11 address bits of the data pointer, the 4 MSBs are used for page selection (row) and 7
are used for byte selection. Between two EEPROM programming sessions, all the
addresses in the column latches must stay on the same page, meaning that the 4 MSB
must not be changed.
The following procedure is used to write to the column latches:
•
Set bit EEE of EECON register
•
Load DPTR with the address to write
•
Store A register with the data to be written
•
Execute a MOVX @DPTR, A
•
If needed, loop the three last instructions until the end of a 128 bytes page
Programming
The EEPROM programming consists on the following actions:
•
Writing one or more bytes of one page in the column latches. Normally, all bytes
must belong to the same page; if not, the first page address will be latched and the
others discarded.
•
Launching programming by writing the control sequence (52h followed by A2h) to
the EECON register.
•
EEBUSY flag in EECON is then set by hardware to indicate that programming is in
progress and that the EEPROM segment is not available for reading.
•
The end of programming is indicated by a hardware clear of the EEBUSY flag.
Read Data
The following procedure is used to read the data stored in the EEPROM memory:
•
Set bit EEE of EECON register
•
Stretch the MOVX to accommodate the slow access time of the column latch (Set bit
M0 of AUXR register)
•
Load DPTR with the address to read
•
Execute a MOVX A, @DPTR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com