Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5130A-RDTUM Datasheet(PDF) 111 Page - ATMEL Corporation

Part # AT89C5130A-RDTUM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5130A-RDTUM Datasheet(HTML) 111 Page - ATMEL Corporation

Back Button AT89C5130A-RDTUM Datasheet HTML 107Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 108Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 109Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 110Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 111Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 112Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 113Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 114Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 115Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 186 page
background image
111
AT89C5130A/31A-M
4337G–USB–11/06
Table 83.
Status in Slave Receiver Mode
Status
Code
(SSCS)
Status of the 2-wire bus and
2-wire hardware
Application Software Response
Next Action Taken By 2-wire Software
To/from SSDAT
To SSCON
STA
STO
SI
AA
60h
Own SLA+W has been
received; ACK has been
returned
No SSDAT action or
No SSDAT action
X
X
0
0
0
0
0
1
Data byte will be received and NOT ACK will be
returned
Data byte will be received and ACK will be
returned
68h
Arbitration lost in SLA+R/W as
master; own SLA+W has been
received; ACK has been
returned
No SSDAT action or
No SSDAT action
X
X
0
0
0
0
0
1
Data byte will be received and NOT ACK will be
returned
Data byte will be received and ACK will be
returned
70h
General call address has been
received; ACK has been
returned
No SSDAT action or
No SSDAT action
X
X
0
0
0
0
0
1
Data byte will be received and NOT ACK will be
returned
Data byte will be received and ACK will be
returned
78h
Arbitration lost in SLA+R/W as
master; general call address
has been received; ACK has
been returned
No SSDAT action or
No SSDAT action
X
X
0
0
0
0
0
1
Data byte will be received and NOT ACK will be
returned
Data byte will be received and ACK will be
returned
80h
Previously addressed with
own SLA+W; data has been
received; ACK has been
returned
No SSDAT action or
No SSDAT action
X
X
0
0
0
0
0
1
Data byte will be received and NOT ACK will be
returned
Data byte will be received and ACK will be
returned
88h
Previously addressed with
own SLA+W; data has been
received; NOT ACK has been
returned
Read data byte or
Read data byte or
Read data byte or
Read data byte
0
0
1
1
0
0
0
0
0
0
0
0
0
1
0
1
Switched to the not addressed slave mode; no
recognition of own SLA or GCA
Switched to the not addressed slave mode; own
SLA will be recognised; GCA will be recognised if
GC=logic 1
Switched to the not addressed slave mode; no
recognition of own SLA or GCA. A START
condition will be transmitted when the bus
becomes free
Switched to the not addressed slave mode; own
SLA will be recognised; GCA will be recognised if
GC=logic 1. A START condition will be
transmitted when the bus becomes free
90h
Previously addressed with
general call; data has been
received; ACK has been
returned
Read data byte or
Read data byte
X
X
0
0
0
0
0
1
Data byte will be received and NOT ACK will be
returned
Data byte will be received and ACK will be
returned



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com